Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD59015 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LD59015
Description  Logic-controlled electronic shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD59015 Datasheet(HTML) 3 Page - STMicroelectronics

  LD59015 Datasheet HTML 1Page - STMicroelectronics LD59015 Datasheet HTML 2Page - STMicroelectronics LD59015 Datasheet HTML 3Page - STMicroelectronics LD59015 Datasheet HTML 4Page - STMicroelectronics LD59015 Datasheet HTML 5Page - STMicroelectronics LD59015 Datasheet HTML 6Page - STMicroelectronics LD59015 Datasheet HTML 7Page - STMicroelectronics LD59015 Datasheet HTML 8Page - STMicroelectronics LD59015 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DocID17488 Rev 4
3/17
LD59015
Block diagram
17
1
Block diagram
Figure 1. LD59015 block diagram
Trimming
0.8 V
BandGap
Enable
EN
GND
OUT
IN
Protection
Thermal
R2
R1
Trimming
0.8 V
BandGap
Enable
EN
GND
OUT
IN
Protection
Thermal
R2
R1


Similar Part No. - LD59015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD59015C08R STMICROELECTRONICS-LD59015C08R Datasheet
1Mb / 16P
   150 mA low noise high PSRR linear voltage regulator
LD59015C12R STMICROELECTRONICS-LD59015C12R Datasheet
1Mb / 16P
   150 mA low noise high PSRR linear voltage regulator
LD59015C15R STMICROELECTRONICS-LD59015C15R Datasheet
1Mb / 16P
   150 mA low noise high PSRR linear voltage regulator
LD59015C18R STMICROELECTRONICS-LD59015C18R Datasheet
1Mb / 16P
   150 mA low noise high PSRR linear voltage regulator
LD59015C25R STMICROELECTRONICS-LD59015C25R Datasheet
1Mb / 16P
   150 mA low noise high PSRR linear voltage regulator
More results

Similar Description - LD59015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISB037V1 STMICROELECTRONICS-STEVAL-ISB037V1 Datasheet
213Kb / 4P
   Logic controlled electronic shutdown
September 2016 Rev 1
LDK130 STMICROELECTRONICS-LDK130 Datasheet
2Mb / 27P
   Logic-controlled electronic shutdown
March 2014 Rev 3
LFXX STMICROELECTRONICS-LFXX Datasheet
1Mb / 54P
   Logic-controlled electronic shutdown
January 2017 Rev 30
logo
Linear Technology
LT1036M LINER-LT1036M Datasheet
577Kb / 8P
   Logic Controlled Regulator?
LT1035M LINER-LT1035M Datasheet
751Kb / 12P
   Logic Controlled Regulator
LT1005M LINER-LT1005M Datasheet
784Kb / 12P
   Logic Controlled Regulator
LT1035C LINER-LT1035C_15 Datasheet
1Mb / 12P
   LOGIC CONTROLLED REGULATOR
LT1036 LINER-LT1036_03 Datasheet
200Kb / 12P
   Logic Controlled Regulator
LT1036 LINER-LT1036_15 Datasheet
197Kb / 12P
   Logic Controlled Regulator
LT1005C LINER-LT1005C_15 Datasheet
1Mb / 12P
   LOGIC CONTROLLED REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com