Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UNR421F Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UNR421F
Description  Silicon NPN epitaxial planar type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNR421F Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UNR421F Datasheet HTML 1Page - Panasonic Semiconductor UNR421F Datasheet HTML 2Page - Panasonic Semiconductor UNR421F Datasheet HTML 3Page - Panasonic Semiconductor UNR421F Datasheet HTML 4Page - Panasonic Semiconductor UNR421F Datasheet HTML 5Page - Panasonic Semiconductor UNR421F Datasheet HTML 6Page - Panasonic Semiconductor UNR421F Datasheet HTML 7Page - Panasonic Semiconductor UNR421F Datasheet HTML 8Page - Panasonic Semiconductor UNR421F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Transistors with built-in Resistor
1
Publication date: December 2003
SJH00020BED
UNR421x Series (UN421x Series)
Silicon NPN epitaxial planar type
For digital circuits
■ Features
• Costs can be reduced through downsizing of the equipment and
reduction of the number of parts
• New S type package, allowing supply with the radial taping
■ Resistance by Part Number
(R1)(R2)
• UNR4210 (UN4210)
47 k
Ω
• UNR4211 (UN4211)
10 k
10 k
• UNR4212 (UN4212)
22 k
22 k
• UNR4213 (UN4213)
47 k
47 k
• UNR4214 (UN4214)
10 k
47 k
• UNR4215 (UN4215)
10 k
Ω
• UNR4216 (UN4216)
4.7 k
Ω
• UNR4217 (UN4217)
22 k
Ω
• UNR4218 (UN4218)
0.51 k
5.1 k
• UNR4219 (UN4219)
1 k
10 k
• UNR421D (UN421D)
47 k
10 k
• UNR421E (UN421E)
47 k
22 k
• UNR421F (UN421F)
4.7 k
10 k
• UNR421K (UN421K)
10 k
4.7 k
• UNR421L (UN421L)
4.7 k
4.7 k
■ Absolute Maximum Ratings T
a
= 25°C
Note) The part numbers in the parenthesis show conventional part number.
Internal Connection
Unit: mm
1: Emitter
2: Collector
3: Base
NS-B1 Package
4.0±0.2
0.75 max.
2.0±0.2
0.45
(2.5) (2.5)
0.7±0.1
23
1
+0.20
–0.10
0.45
+0.20
–0.10
B
R1
R2
C
E
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
50
V
Collector-emitter voltage (Base open)
VCEO
50
V
Collector current
IC
100
mA
Total power dissipation
PT
300
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C


Similar Part No. - UNR421F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNR4221 PANASONIC-UNR4221 Datasheet
151Kb / 6P
   Silicon NPN epitaxial planar type
UNR4222 PANASONIC-UNR4222 Datasheet
151Kb / 6P
   Silicon NPN epitaxial planar type
UNR4223 PANASONIC-UNR4223 Datasheet
151Kb / 6P
   Silicon NPN epitaxial planar type
UNR4224 PANASONIC-UNR4224 Datasheet
151Kb / 6P
   Silicon NPN epitaxial planar type
More results

Similar Description - UNR421F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
UNR2225 PANASONIC-UNR2225 Datasheet
133Kb / 5P
   Silicon NPN epitaxial planar type
2SD1707 PANASONIC-2SD1707 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type
logo
Guangdong Kexin Industr...
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD874 KEXIN-2SD874 Datasheet
52Kb / 2P
   Silicon NPN Epitaxial Planar Type
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SC1568 PANASONIC-2SC1568 Datasheet
94Kb / 4P
   Silicon NPN epitaxial planar type
2SC2590 PANASONIC-2SC2590 Datasheet
80Kb / 3P
   Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
MT3S03AS TOSHIBA-MT3S03AS Datasheet
119Kb / 2P
   SILICON NPN EPITAXIAL PLANAR TYPE
logo
Panasonic Semiconductor
UNR1211 PANASONIC-UNR1211 Datasheet
347Kb / 14P
   Silicon NPN epitaxial planar type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com