Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

310A205A18 Datasheet(PDF) 10 Page - Winchester Electronics Corporation

Part # 310A205A18
Description  Specifications for BNC Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

310A205A18 Datasheet(HTML) 10 Page - Winchester Electronics Corporation

Back Button 310A205A18 Datasheet HTML 3Page - Winchester Electronics Corporation 310A205A18 Datasheet HTML 4Page - Winchester Electronics Corporation 310A205A18 Datasheet HTML 5Page - Winchester Electronics Corporation 310A205A18 Datasheet HTML 6Page - Winchester Electronics Corporation 310A205A18 Datasheet HTML 7Page - Winchester Electronics Corporation 310A205A18 Datasheet HTML 8Page - Winchester Electronics Corporation 310A205A18 Datasheet HTML 9Page - Winchester Electronics Corporation 310A205A18 Datasheet HTML 10Page - Winchester Electronics Corporation 310A205A18 Datasheet HTML 11Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
These sturdy within-series BNC adapters are available in all standard designs. Additionally, several unique constructions compliment the product group and allow adaptations for every
conceivable application. All connector bodies are plated with bright nickel. Male contacts are brass, female contacts are phosphor bronze. All contacts are plated with 5 micro inches of
gold.
Part
Number
Description
Fig.
No.
330A505
Male/ Male Inline Barrel Splice
35
332A505
Female/Female Inline Splice
36
335A544
Female/Female Inline Bulkhead Mount (Grounded)
37
335R544
Female/Female Inline Isolated Bulkhead (Metal Outer Thread)
37
343A205F
Crimp “T” Adapter for RG58 Cable
41
343A205G
Crimp “T” Adapter for RG59, 62 Cables
41
343A505
Female/Male/Female “T” Adapter (Yes, it runs with Netware™ )
38
345A505
Female/Female/Female “T” Adapter
39
351A505
Female/Male Right Angle Adapter
40
383U505
The Goalie™
42
383U205F
The Goalie Brute™ Crimp Version for RG58 Cable
45
383U205G
The Goalie Brute™ Crimp Version for RG59, 62 Cables
45
383K505*
The Goalie Brute™
43
383P505*
The Insulated Goalie
44
353U205F*
Male/Female/Female Right Angle Double-Down™Crimp for RG58
49
353U205G*
Male/Female/Female Right Angle Double-Down™ Type for RG59
49
353U505*
Male/Female/Female Right Angle Double-Down™
48
393U205F*
Male/Female/Female Straight Double-Down™Crimp for RG58
47
393U205G*
Male/Female/Female Straight Double-Down™Crimp for RG59
47
393U505*
Male/Female/Female Straight Double-Down™
46
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
Fig. 38
Fig. 39
Fig. 40
Fig. 42
Fig. 43
Fig.44
Fig. 35
Fig. 36
Fig. 37
Fig. 48
Fig. 46
Fig. 41
Fig. 49
Fig. 45
Fig. 47
Specialty LAN Adapters
Double Down™ adapters are designed to allow parallel cables entering a patch panel, or a BNC LAN terminal port to be guided at a right angle to the input jack. Two versions
accomplish this: one is a right angle with side-by-side jacks for areas with little rear clearance, and the other is a straight version for installations where width between panel jacks in
limited. Crimp types are for permanent installations. Goalie, and Goalie Brute allow parallel cable 90° entry which require a minimum of rotational cable space.
*Minimum quantity Requirements May Apply - Contact Sales
________________________
FOR TECHNICAL SUPPORT: PHONE 973-347-4040 / FAX 973-347-2111
Back to Index
9


Similar Part No. - 310A205A18

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
310A205A18 WINCHESTER-310A205A18 Datasheet
401Kb / 7P
   Serial Digital BNC Connectors
More results

Similar Description - 310A205A18

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
132A505 WINCHESTER-132A505 Datasheet
100Kb / 4P
   Specifications for N Connectors
564A595 WINCHESTER-564A595 Datasheet
95Kb / 4P
   Specifications for TNC Connectors
732A508 WINCHESTER-732A508 Datasheet
62Kb / 3P
   Specifications for UHF Connectors
866B509 WINCHESTER-866B509 Datasheet
107Kb / 4P
   Specifications for F Connectors
logo
Amphenol Corporation
000-46650-75 AMPHENOL-000-46650-75 Datasheet
4Mb / 16P
   BNC Connectors
logo
AZ Displays
AGM1264M AZDISPLAYS-AGM1264M Datasheet
846Kb / 13P
   SPECIFICATIONS FOR SPECIFICATIONS FOR
logo
Contec Co., Ltd
ATP-8L CONTEC-ATP-8L Datasheet
196Kb / 1P
   BNC Connectors for Analog I/O Board
ATP-16E CONTEC-ATP-16E Datasheet
195Kb / 1P
   BNC Connectors for Analog I/O Board
ATP-8 CONTEC-ATP-8 Datasheet
286Kb / 1P
   BNC Connectors for Analog I/O Board
ATP-32F CONTEC-ATP-32F Datasheet
238Kb / 1P
   BNC Connectors for Analog I/O Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com