Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

310A204T Datasheet(PDF) 4 Page - Winchester Electronics Corporation

Part # 310A204T
Description  Specifications for BNC Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

310A204T Datasheet(HTML) 4 Page - Winchester Electronics Corporation

  310A204T Datasheet HTML 1Page - Winchester Electronics Corporation 310A204T Datasheet HTML 2Page - Winchester Electronics Corporation 310A204T Datasheet HTML 3Page - Winchester Electronics Corporation 310A204T Datasheet HTML 4Page - Winchester Electronics Corporation 310A204T Datasheet HTML 5Page - Winchester Electronics Corporation 310A204T Datasheet HTML 6Page - Winchester Electronics Corporation 310A204T Datasheet HTML 7Page - Winchester Electronics Corporation 310A204T Datasheet HTML 8Page - Winchester Electronics Corporation 310A204T Datasheet HTML 9Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
- Page 4 -
FOR TECHNICAL SUPPORT: PHONE 973-347-4040 / FAX 973-347-2111
Back to Index
3
BNC Panel Jacks and Plugs
BNC panel plugs and jacks are of machined brass construction for maximum reliability and quality. All contacts are plated with a minimum of five
micro-inches of gold. The square panel types mount on .500 inch centers. The bulkhead type mounts into a .380 “D” shaped panel hole. All connector
bodies are bright-nickel plated.
Part Number
Description
Notations
Fig. No. Dwg.
316A524C
Male Bulkhead Panel Mount
.380" Mtg. Hole
19
317A507
Male Panel Mount
. 500 Mtg. Hole Centers
20
321A205F
Female Panel Mount, Crimp
Fits RG58/U Cables
21
---
321A205G
Female Panel Mount, Crimp
Fits RG59, 62 , 210
21
---
321A205M
Female Panel Mount, Crimp
Fits RG174, 178, 196
21
---
327A507
Female Panel Mount, Solder
.500 Mtg. Hole Centers
22
---
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
Figure 19
Figure 20
Figure 21
Figure 22
BNC PC Board Vertical Jacks
BNC vertical mount jacks are available in straight PC mounts and “through-panel” styles. The “through-panel”, 364 Series, is made in both isolated and
grounded versions and are ideal for applications where multiple insertions will require a connector which can endure the stress of higher torque.
Part
Number
Body Plating or
Material
Description
Insul. Mat.
Con.
Plating
"L" Dim
Fig.
No.
Dwg
.
361A514*
Nickel / Brass
Straight PC Mount 50
Teflon
Gold
.717
26
---
361A505*
Nickel / Brass
Straight PC Mount 50
Delrin
Gold
.914
27
---
361A534*
Nickel / Brass
3 Post PC Mount 50
Delrin
Gold
.788
27A
361A505APF
Nickel/Zinc
4 Post W/ Press Fit Center Pin 50
Delrin
Gold
.925
27B
361A705APF
Nickel/Zinc
4 Post W/ Press Fit Center Pin 75
Delrin
Gold
.925
27B
364S595
White Valox
PC Mount, Thru-Panel, 50
Delrin
Gold
1.36
23
364S595B
Black Valox
PC Mount, Thru-Panel, 50
Delrin
Gold
1.36
24
364S595M
Nickel/Zinc
PC Mount, Thru-Panel, 50
Delrin
Gold
1.36
25
364S795*
White Valox
PC Mount, Thru-Panel,
75

Delrin
Gold
1.36
23
364S795B*
Black Valox
PC Mount, Thru-Panel,
75
Delrin
Gold
1.36
24
364S795M*
Nickel/Zinc
PC Mount, Thru-Panel,
75
Delrin
Gold
1.3
25
RoHS compliant reflow or wave solder
RoHS compliant wave solder only
REQUEST QUOTE
REQUEST DRAWING
Fig. 23
Fig. 24
Fig. 25
s
s
s
s
Fig. 26
The press-fit center pin locks the connector into the PC
board so it is held firmly for reflow or wave soldering.


Similar Part No. - 310A204T

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
310A204T WINCHESTER-310A204T Datasheet
401Kb / 7P
   Serial Digital BNC Connectors
More results

Similar Description - 310A204T

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
132A505 WINCHESTER-132A505 Datasheet
100Kb / 4P
   Specifications for N Connectors
564A595 WINCHESTER-564A595 Datasheet
95Kb / 4P
   Specifications for TNC Connectors
732A508 WINCHESTER-732A508 Datasheet
62Kb / 3P
   Specifications for UHF Connectors
866B509 WINCHESTER-866B509 Datasheet
107Kb / 4P
   Specifications for F Connectors
logo
Amphenol Corporation
000-46650-75 AMPHENOL-000-46650-75 Datasheet
4Mb / 16P
   BNC Connectors
logo
AZ Displays
AGM1264M AZDISPLAYS-AGM1264M Datasheet
846Kb / 13P
   SPECIFICATIONS FOR SPECIFICATIONS FOR
logo
Contec Co., Ltd
ATP-8L CONTEC-ATP-8L Datasheet
196Kb / 1P
   BNC Connectors for Analog I/O Board
ATP-16E CONTEC-ATP-16E Datasheet
195Kb / 1P
   BNC Connectors for Analog I/O Board
ATP-8 CONTEC-ATP-8 Datasheet
286Kb / 1P
   BNC Connectors for Analog I/O Board
ATP-32F CONTEC-ATP-32F Datasheet
238Kb / 1P
   BNC Connectors for Analog I/O Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com