Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

361V504ER Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # 361V504ER
Description  V-Bite 짰 PC Edge Mount
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

361V504ER Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  361V504ER Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Back to Index
V-Bite ® PC Edge Mount
The V-Bite ® is an industry award winning design PCB connector with all the advantages a designer could want. It edge mounts to the board which
offers the lowest profile and utilizes very little PCB real estate. It lends itself to surface mount and through-hole soldering techniques. There are
versions for IR and convection reflow soldering. Because the connector locks into place both above and below the PCB it disperses rotational torque
relief to the board and not the solder points. The V-Bite ® design offers the lowest VSWR ratings due to the straight through-put contact design. No
right angles for reflection. Available in 50 and 75 ohm, threaded and non-threaded. Other options for PCB thickness available. Other interfaces
available. See “F”, BNC Twin, TNC and N sections.
Part Number
Description
Imp
Contact
Fig.
No.
Dwg.
361V504ER *
BNC Jack W/ Teflon For Reflow Solder
50
 Phos./Gold 39A
361V504ET *
BNC Threaded Jack W/ Teflon For Reflow Solder 50
 Phos./Gold 39
361V504EFT*
BNC Threaded Jack W/ Teflon Insulator/Flange
50
 Phos./Gold 39B
361V509E *
BNC Jack W/ Polyethylene Insulator
50
 Phos./Tin 39A
361V509ET *
BNC Threaded Jack W/ Polyethylene Insulator
50
 Phos./Tin 39
---
361V704ER *
BNC Jack W/ Teflon For Reflow Solder
75
 Phos./Gold 39A
361V704ET *
BNC Threaded Jack W/ Teflon For Reflow Solder 75
 Phos./Gold 39
361V704EFT *
BNC Threaded Jack W/ Teflon Insulator/Flange
75
 Phos./Gold 39B
361VH704EFT
BNC Threaded Jack W/ Teflon Insulator/Flange
75
 Phos./Gold 39B
361V709E *
BNC Jack W/ Polyethylene Insulator
75
 Phos./Gold 39A ---
361V709ET *
BNC Threaded Jack W/ Polyethylene Insulator
75
 Phos./Gold 39
---
361E704ER *
BNC W/Teflon for Reflow Solder, gold plated
75
 Phos./Gold 39I
361E704EFT *
BNC End launch W/Flnge and Threads, gold
plated
75
 Phos./Gold ---
361KNT
Knurled nut (361 series)
NA
---
39K
3M61V704 *
Mini-BNC Jack W/Teflon for Reflow
75
 Phos./Gold 39J
461V504E *
Twin-BNC Jack W/ Teflon For Reflow Solder
75
 Phos./Gold 39N
561V504E *
TNC Jack W/ Teflon For Reflow Solder
50
 Phos./Gold ***
561V504EFT*
TNC Jack W/ Teflon Insulator/Flange
50
 Phos./Gold 39M
861V509E *
F Edge Mount Jack (RG59)
#NCI Phos/Gold 39C
861V509ER *
F Edge Mount Jack w/ TFE Insul. for Reflow
( RG59)
#NCI Brass/Gold 39C
861V509ER6 *
F Jack w/ TFE Insul. for Reflow (RG6, RG59)
75
 Brass/Gold 39C
861VH509ER6*
F Jack w/ TFE Ins. for Reflow (RG6,59) 5GHZ
75
 Brass/Gold 39C
861VUS509ER6*
F Jack w/ Under Shield TFE Ins. Rflw (RG6,59)
75
 Brass/Gold ***
862V509ER6 *
F Edge Mount Plug w/TFE insul for reflow
75
 Brass/Gold 39D
161V504E *
N Edge Mount Jack w/ TFE Insul for reflow
50
 Brass/Gold 39E
161V504EFT *
N Edge Mount Jack w/ Flange TFE Insul for
reflow
50
 Brass/Gold 39F
161VUS504EFT*
N Jack w/ Flge Under Shield TFE Ins. for reflow 50
 Brass/Gold 39L
162V504E *
N Edge Mount Plug (TFE Insul for reflow)
50
 Brass/Gold 39G
R061V704ER *
RCA Edge Mount Jack w?TFE for reflow
75
 Brass/Gold 39H
* Bomar Patent
RoHS compliant reflow or wave solder
RoHS compliant wave solder only
only
REQUEST QUOTE
REQUEST DRAWING
#NCI ( non
constant impedance)
V-bite Footprint
Solder Suggestions
Patented V-Bite ®, Snaps Into PCB, Surface Mount Center Contact
Fig. 39
Fig. 39A
Fig. 39B
Fig. 39C
Fig.39D
Fig. 39E
Fig. 39F
Fig. 39G
Fig. 39H
Fig. 39I
Fig. 39J
Fig. 39K
Fig. 39L
Fig. 39M
Fig. 39N


Similar Part No. - 361V504ER

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
361 PENTAIR-361 Datasheet
254Kb / 2P
   COMPACT, LOW-PROFILE SOLUTION FOR A BROAD RANGE OF FILTRATION APPLICATIONS
logo
Aries Electronics, Inc.
361 ARIES-361 Datasheet
653Kb / 2P
   PGA ZIF Test & Burn-in Socket for Any Footprint on Std 8x8 to 21x21 Grid
Rev. 1.10
logo
WECO ELECTRICAL CONNECT...
361 WECO-361 Datasheet
159Kb / 1P
   Flat screw terminals Heavy-duty version with grooved flat terminals, 3-pole
01.20
logo
Winchester Electronics ...
361-060-0040H WINCHESTER-361-060-0040H Datasheet
134Kb / 1P
   BMA STRAIGHT PCB MOUNT PLUG
361-595-0850H WINCHESTER-361-595-0850H Datasheet
58Kb / 1P
   BMA STRAIGHT BULKEHEAD JACK
More results

Similar Description - 361V504ER

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
E34-K-H-12P-SS-YC FERYSTER-E34-K-H-12P-SS-YC Datasheet
456Kb / 1P
   FERYSTER 짰 TRANSFORMERS
E65-K-V-BP-POLFER FERYSTER-E65-K-V-BP-POLFER Datasheet
94Kb / 1P
   FERYSTER 짰 TRANSFORMERS
EE13-K-V-10P-SS FERYSTER-EE13-K-V-10P-SS Datasheet
268Kb / 1P
   FERYSTER 짰 TRANSFORMERS
EF16-K-H-6P-DS FERYSTER-EF16-K-H-6P-DS Datasheet
351Kb / 1P
   FERYSTER 짰 TRANSFORMERS
EF16-K-H-8P-FERYSTER FERYSTER-EF16-K-H-8P-FERYSTER Datasheet
229Kb / 1P
   FERYSTER 짰 TRANSFORMERS
EF16-K-H-14P-15 FERYSTER-EF16-K-H-14P-15 Datasheet
408Kb / 1P
   FERYSTER 짰 TRANSFORMERS
EF20-K-H-5P-SS-401 FERYSTER-EF20-K-H-5P-SS-401 Datasheet
479Kb / 1P
   FERYSTER 짰 TRANSFORMERS
logo
Cypress Semiconductor
S6E2H CYPRESS-S6E2H Datasheet
6Mb / 163P
   32-bit ARM 짰 Cortex 짰 -M4F FM4 Microcontroller
logo
FERYSTER Inductive Comp...
E55-K-H-22P-SS FERYSTER-E55-K-H-22P-SS Datasheet
120Kb / 1P
   FERYSTER 짰 TRANSFORMERS
EE19-K-H-9P-SW FERYSTER-EE19-K-H-9P-SW Datasheet
337Kb / 1P
   FERYSTER 짰 TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com