Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1-053R3SLF Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # B1-053R3SLF
Description  1W Isolated DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B1-053R3SLF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  B1-053R3SLF Datasheet HTML 1Page - Bothhand USA, LP. B1-053R3SLF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B1 LF Series
1W Isolated DC/DC Converter
BOTHHAND
USA
HTTP://www.bothhand
usa.com
2
Technical Specification (2/2):
Mechanical Dimensions
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
4) Dual Output DIL Package Style
B1-053R3D(H) LF
± 3.3
± 150
30
274
60
± 12
73
B1-0505D(H) LF
± 5
± 100
30
263
60
± 10
76
B1-0512D(H) LF
± 12
± 42
28
253
100
± 8
79
B1-0515D(H) LF
5
± 15
± 34
28
250
120
± 8
80
B1-1205D(H) LF
± 5
± 100
18
104
60
± 8
80
B1-1212D(H) LF
12
± 12
± 42
18
104
100
± 8
80
B1-243R3D(H) LF
± 3.3
± 150
5
56
60
± 8
74
B1-2405D(H) LF
± 5
± 100
4
55
60
± 8
76
B1-2412D(H) LF
24
± 12
± 42
4
55
100
± 8
76
5) Dual Separate Output SIL Package Style
B1-0505S01 LF
5/5
100/100
30
263
60
± 10
76
B1-0515S01 LF
5
5/15
100/33
28
250
120
± 8
80
B1-1205S01 LF
5/5
100/100
18
107
60
± 8
78
B1-1212S01 LF
5/12
100/42
18
104
100
± 8
80
B1-1215S01 LF
12
5/15
100/33
18
106
120
± 8
78
B1-2405S01 LF
24
5/5
100/100
5
54
60
± 8
76
6) Dual Separate Output DIL Package Style
B1-0505D01 LF
5/5
100/100
30
263
60
± 10
76
B1-0515D01 LF
5
5/15
100/33
28
250
120
± 8
80
B1-1205D01 LF
5/5
100/100
18
107
60
± 8
78
B1-1212D01 LF
5/12
100/42
18
104
100
± 8
80
B1-1215D01 LF
12
5/15
100/33
13
106
120
± 8
78
B1-2405D01 LF
24
5/5
100/100
5
54
60
± 8
76


Similar Part No. - B1-053R3SLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B1-053R3S BOTHHAND-B1-053R3S Datasheet
706Kb / 6P
   B1-Sil Series 1 Watt Isolated DC-DC Converter
B1-053R3S(H)LF BOTHHAND-B1-053R3S(H)LF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
B1-053R3SH BOTHHAND-B1-053R3SH Datasheet
706Kb / 6P
   B1-Sil Series 1 Watt Isolated DC-DC Converter
More results

Similar Description - B1-053R3SLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SM1L-LF-SERIES BOTHHAND-SM1L-LF-SERIES Datasheet
187Kb / 2P
   1W Isolated DC/DC Converter
ST1-LF-SERIES BOTHHAND-ST1-LF-SERIES Datasheet
186Kb / 2P
   1W Isolated DC/DC Converter
ST1L-LF-SERIES BOTHHAND-ST1L-LF-SERIES Datasheet
179Kb / 2P
   1W Isolated DC/DC Converter
SM1-LF-SERIES BOTHHAND-SM1-LF-SERIES Datasheet
178Kb / 2P
   1W Isolated DC/DC Converter
B1-LF-SERIES BOTHHAND-B1-LF-SERIES Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
BALF BOTHHAND-BALF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
BA-LF-SERIES BOTHHAND-BA-LF-SERIES Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
logo
Microdc power Technolog...
NTA-X MICRODC-NTA-X Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUT SMD DC-DC CONVERTER
logo
Bothhand USA, LP.
SM1LF BOTHHAND-SM1LF Datasheet
178Kb / 2P
   SM1 LF Series 1W Isolated DC/DC Converter
SM1LLF BOTHHAND-SM1LLF Datasheet
187Kb / 2P
   SM1L LF Series 1W Isolated DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com