Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1-1212SLF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # B1-1212SLF
Description  1W Isolated DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B1-1212SLF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  B1-1212SLF Datasheet HTML 1Page - Bothhand USA, LP. B1-1212SLF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B1 LF Series
1W Isolated DC/DC Converter
BOTHHAND
USA
HTTP://www.bothhand
usa.com
1
Features:
Input Filter With Internal Capacitor
Input / Output Isolation 1K Vdc Or 3K Vdc(H)
Low Ripple And Noise
100% Burn-In
Un-Regulated type
Net Weight : 2.2 g / 2.7 g Typical
7 Pin SIL / 14 Pin DIL Package
Custom Design Available
Technical Specification (1/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
1) Single Output SIL Package Style
B1-0505SS(H) LF
5
200
30
253
60
± 8
79
B1-0512SS(H) LF
12
84
28
255
100
± 8
79
B1-0515SS(H) LF
5
15
67
28
251
120
± 8
80
B1-1205SS(H) LF
5
200
18
105
60
± 8
79
B1-1212SS(H) LF
12
84
18
104
100
± 8
80
B1-1215SS(H) LF
12
15
67
15
105
120
± 8
80
B1-243R3SS(H) LF
3.3
303
5
56
50
± 8
74
B1-2405SS(H) LF
5
200
4
54
60
± 8
77
B1-2412SS(H) LF
12
84
4
55
100
± 8
76
B1-2415SS(H) LF
24
15
67
4
55
120
± 8
76
2) Single Output DIL Package Style
B1-0505DS(H) LF
5
200
30
253
60
± 8
79
B1-0512DS(H) LF
12
84
28
254
100
± 8
79
B1-0515DS(H) LF
5
15
67
28
250
120
± 8
80
B1-1205DS(H) LF
5
200
18
105
60
± 8
79
B1-1212DS(H) LF
12
84
18
104
100
± 8
80
B1-1215DS(H) LF
12
15
67
15
105
120
± 8
80
B1-243R3DS(H) LF
3.3
303
5
56
50
± 8
74
B1-2405DS(H) LF
5
200
4
54
60
± 8
77
B1-2412DS(H) LF
12
84
4
55
100
± 8
76
B1-2415DS(H) LF
24
15
67
4
55
120
± 8
76
3) Dual Output SIL Package Style
B1-053R3S(H) LF
± 3.3
± 150
30
274
60
± 12
73
B1-0505S(H) LF
± 5
± 100
30
263
60
± 10
76
B1-0512S(H) LF
± 12
± 42
28
255
100
± 8
79
B1-0515S(H) LF
5
± 15
± 34
28
255
120
± 8
80
B1-1205S(H) LF
± 5
± 100
18
104
60
± 8
80
B1-1212S(H) LF
12
± 12
± 42
18
104
100
± 8
80
B1-243R3S(H) LF
± 3.3
± 150
5
56
60
± 8
74
B1-2405S(H) LF
± 5
± 100
4
55
60
± 8
76
B1-2412S(H) LF
24
± 12
± 42
4
55
100
± 8
76


Similar Part No. - B1-1212SLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B1-1212S BOTHHAND-B1-1212S Datasheet
706Kb / 6P
   B1-Sil Series 1 Watt Isolated DC-DC Converter
B1-1212S(H)LF BOTHHAND-B1-1212S(H)LF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
B1-1212S01 BOTHHAND-B1-1212S01 Datasheet
706Kb / 6P
   B1-Sil Series 1 Watt Isolated DC-DC Converter
B1-1212S01LF BOTHHAND-B1-1212S01LF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
B1-1212SH BOTHHAND-B1-1212SH Datasheet
706Kb / 6P
   B1-Sil Series 1 Watt Isolated DC-DC Converter
More results

Similar Description - B1-1212SLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SM1L-LF-SERIES BOTHHAND-SM1L-LF-SERIES Datasheet
187Kb / 2P
   1W Isolated DC/DC Converter
ST1-LF-SERIES BOTHHAND-ST1-LF-SERIES Datasheet
186Kb / 2P
   1W Isolated DC/DC Converter
ST1L-LF-SERIES BOTHHAND-ST1L-LF-SERIES Datasheet
179Kb / 2P
   1W Isolated DC/DC Converter
SM1-LF-SERIES BOTHHAND-SM1-LF-SERIES Datasheet
178Kb / 2P
   1W Isolated DC/DC Converter
B1-LF-SERIES BOTHHAND-B1-LF-SERIES Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
BALF BOTHHAND-BALF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
BA-LF-SERIES BOTHHAND-BA-LF-SERIES Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
logo
Microdc power Technolog...
NTA-X MICRODC-NTA-X Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUT SMD DC-DC CONVERTER
logo
Bothhand USA, LP.
SM1LF BOTHHAND-SM1LF Datasheet
178Kb / 2P
   SM1 LF Series 1W Isolated DC/DC Converter
SM1LLF BOTHHAND-SM1LLF Datasheet
187Kb / 2P
   SM1L LF Series 1W Isolated DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com