Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2047 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM2047
Description  X-NUCLEO-53L0A1 ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2047 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM2047 Datasheet HTML 6Page - STMicroelectronics UM2047 Datasheet HTML 7Page - STMicroelectronics UM2047 Datasheet HTML 8Page - STMicroelectronics UM2047 Datasheet HTML 9Page - STMicroelectronics UM2047 Datasheet HTML 10Page - STMicroelectronics UM2047 Datasheet HTML 11Page - STMicroelectronics UM2047 Datasheet HTML 12Page - STMicroelectronics UM2047 Datasheet HTML 13Page - STMicroelectronics UM2047 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
X-NUCLEO-53L0A1 expansion board
UM2047
10/16
DocID029189 Rev 2
3.3
Solder drop configurations
Solder drops allow the following configurations for X-NUCLEO-53L0A1 boards:
In case the developer wants to do an application with several expansion boards
superposed and:
there is a conflict on microcontroller port allocation, the GPIO1 can be outputted
on CN8/A4 (U17 fitted) of the Arduino connector. The default configuration is
GPIO1 is outputted on CN8/A2 (U14 fitted) of the Arduino connector.
there is a conflict on I2C addresses, the addresses of the STMPE1600 can be
modified.(default addresses A2,A1,A0: 000 and 001).
In case the developer wants to connect satellites (see Figure 5):
the VL53L0X interrupt of the left satellite board can be outputted on CN5/D9 (U10
fitted) or CN5/D8 (U11 fitted) of the Arduino connector. By default U10 and U11
are not fitted.
the VL53L0X interrupt of the right satellite board can be outputted on CN9/D4
(U15 fitted) or CN9/D2 (U18 fitted) of the Arduino connector. By default U15 and
U18 are not fitted.
the VL53L0X interrupts of left and right satellite boards, GPIO1_L and GPIO1_R,
can be shared with the VL53L0X interrupt on the main board, GPIO1, by fitting U7
and U8 solder drops. By default U7 and U8 are not fitted.
R60
0
Delay time setting (def = 10ms)
PB1
Push-button
U22
TPS3838K33
TI
Supervisory circuit
GPIO expander and 4 digit-7 segment display application
C14, C15
100nF
Supply decoupling capacitor
DISPLAY1
KHN40365AG1D
Kohon
R24,R25, R26, R27, R29,
R31, R33, R36, R37, R38,
R39, R40, R41, R42, R44,
R47, R48, R50, R51, R52,
R55, R56, R57, R58, R59,
R61, R62, R63
470
Segment current setting
U19, U21
STMPE1600
ST
GPIO expander for VL53L0X
XSHUT signals and
4 digit / 7 segment display
Table 5. List of materials (continued)
Components
Value
Reference
Supplier
Comments


Similar Part No. - UM2047

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM2048 STMICROELECTRONICS-UM2048 Datasheet
866Kb / 12P
   DSI to HDMI adapter board for STM32 Development Tools
June 2016 Rev 1
UM2049 STMICROELECTRONICS-UM2049 Datasheet
406Kb / 11P
   DSI to Raspberry Pi짰 LCD adapter board
May 2016 Rev 1
More results

Similar Description - UM2047

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X-NUCLEO-53L0A1 STMICROELECTRONICS-X-NUCLEO-53L0A1 Datasheet
227Kb / 5P
   Ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
July 2016
X-CUBE-TOUCHGFX STMICROELECTRONICS-X-CUBE-TOUCHGFX Datasheet
632Kb / 5P
   Ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
July 2016
X-NUCLEO-53L3A2 STMICROELECTRONICS-X-NUCLEO-53L3A2 Datasheet
2Mb / 7P
   Time-of-Flight ranging sensor with multi target detection expansion board based on VL53L3CX for STM32 Nucleo
April 2021
X-NUCLEO-53L1A1 STMICROELECTRONICS-X-NUCLEO-53L1A1 Datasheet
579Kb / 5P
   Long distance ranging Time-of-Flight sensor expansion board based on VL53L1X for STM32 Nucleo
February 2018
X-NUCLEO-53L1A2 STMICROELECTRONICS-X-NUCLEO-53L1A2 Datasheet
928Kb / 7P
   Time-of-Flight ranging sensor with multi object detection and programming FoV expansion board based on VL53L1 for STM32 Nucleo
April 2021
X-NUCLEO-6180XA1 STMICROELECTRONICS-X-NUCLEO-6180XA1 Datasheet
118Kb / 4P
   Proximity and ambient light sensor expansion board based on VL6180X for STM32 Nucleo
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
   Sound terminal expansion board based on STA350BW for STM32 Nucleo
November 2015 Rev 1
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
   Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015 Rev 5
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
   Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
   Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
Rev 3 - June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com