Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2053 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM2053
Description  14 mm x 14 mm antenna reference board for the M24SR64-Y dual interface EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2053 Datasheet(HTML) 4 Page - STMicroelectronics

  UM2053 Datasheet HTML 1Page - STMicroelectronics UM2053 Datasheet HTML 2Page - STMicroelectronics UM2053 Datasheet HTML 3Page - STMicroelectronics UM2053 Datasheet HTML 4Page - STMicroelectronics UM2053 Datasheet HTML 5Page - STMicroelectronics UM2053 Datasheet HTML 6Page - STMicroelectronics UM2053 Datasheet HTML 7Page - STMicroelectronics UM2053 Datasheet HTML 8Page - STMicroelectronics UM2053 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
List of figures
UM2053
4/10
DocID029206 Rev 1
List of figures
Figure 1.
ANT7-T-M24SR64 board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Functional block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
ANT7-T-M24SR64 hardware schematics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7


Similar Part No. - UM2053

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
UM200 EXTECH-UM200 Datasheet
169Kb / 1P
   High Resolution Micro-Ohm Meter
logo
Union Semiconductor, In...
UM2001P UNIONSEMI-UM2001P Datasheet
245Kb / 10P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
UM2002S8 UNIONSEMI-UM2002S8 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
UM2002S8 UNIONSEMI-UM2002S8 Datasheet
280Kb / 12P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
More results

Similar Description - UM2053

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ANT2-M24LR16E STMICROELECTRONICS-ANT2-M24LR16E Datasheet
144Kb / 4P
   20 mm x 40 mm antenna reference board for the M24LR16E-R Dual Interface EEPROM
ANT1-M24LR16E STMICROELECTRONICS-ANT1-M24LR16E Datasheet
146Kb / 4P
   45 mm x 75 mm antenna reference board for the M24LR16E-R Dual Interface EEPROM
ANT2-M24LR-A STMICROELECTRONICS-ANT2-M24LR-A Datasheet
65Kb / 3P
   20 mm x 40 mm antenna reference board for the M24LR64-R Dual Interface EEPROM
ANT1-M24LR-A STMICROELECTRONICS-ANT1-M24LR-A Datasheet
78Kb / 3P
   45 mm x 75 mm antenna reference board for the M24LR64-R Dual Interface EEPROM
FLEX-M24LR04E STMICROELECTRONICS-FLEX-M24LR04E Datasheet
190Kb / 3P
   45 mm x 75 mm flexible antenna reference board for the M24LR04E-R Dual Interface EEPROM
ANT7-M24LR16E STMICROELECTRONICS-ANT7-M24LR16E Datasheet
140Kb / 4P
   15 mm x 15 mm double layer antenna reference board for the M24LR16E-R Dual Interface EEPROM
ANT7-M24LR-A STMICROELECTRONICS-ANT7-M24LR-A Datasheet
91Kb / 3P
   15 mm x 15 mm antenna reference board
ANT4-M24LR-A STMICROELECTRONICS-ANT4-M24LR-A Datasheet
67Kb / 4P
   2 x 64 Kbit multibank antenna reference board for the M24LR64-R Dual Interface EEPROM
ANT5-M24LR-A STMICROELECTRONICS-ANT5-M24LR-A Datasheet
69Kb / 4P
   4 x 64 Kbit multibank antenna reference board for the M24LR64-R Dual Interface EEPROM
ANT3-M24LR-A STMICROELECTRONICS-ANT3-M24LR-A Datasheet
64Kb / 3P
   SMD-inductor based antenna reference board for the M24LR64-R Dual Interface EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com