Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMA1-15D1H6 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BMA1-15D1H6
Description  Isolated DC-DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BMA1-15D1H6 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BMA1-15D1H6 Datasheet HTML 1Page - Bothhand USA, LP. BMA1-15D1H6 Datasheet HTML 2Page - Bothhand USA, LP. BMA1-15D1H6 Datasheet HTML 3Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BOTHHAND
USA
E-mail: sales@bothhand
usa.com
http://www.bothhand
usa.com
Rev:20101213
Page 1 of 3
Isolated DC-DC Converters
BMA1 H6 Series -- 1Watt
Features
Input Filter With Internal Capacitor
Input / Output Isolation Voltage: 6K Vdc
Extended Operating Temperature Range: -40°C to +85°C
Low Ripple And Noise
100% Burn-in
Un-Regulated type
Net Weight:3.7g Typical
Industry Standard Pinout
Customer Design Available
Safety Approval : EN60950-1
Technical Specification All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
Output Current (mA)
Input Current (mA)
Model
Number
Input Voltage
Range
Output
Voltage
(Vdc) Min. Load
(1)
Full. Load
No Load(Typ) Full Load(Max)
Efficiency.
(2)
(%,Typ.)
BMA1-05S1H6
5
20
200
30
267
79
BMA1-05SAH6
9
12
111
36
270
78
BMA1-05S2H6
12
9
84
30
263
80
BMA1-05S3H6
15
7
67
30
263
80
BMA1-05D1H6
±5
±10
±100
30
267
79
BMA1-05DAH6
±9
±6
±56
30
263
80
BMA1-05D2H6
±12
±5
±42
48
286
74
BMA1-05D3H6
4.5~5.5V
Nominal:5Vdc
±15
±4
±34
38
271
78
BMA1-12S1H6
5
20
200
10
107
82
BMA1-12SAH6
9
12
111
12
107
82
BMA1-12S2H6
12
9
84
13
106
83
BMA1-12S3H6
15
7
67
16
108
81
BMA1-12D1H6
±5
±10
±100
12
110
80
BMA1-12DAH6
±9
±6
±56
13
110
80
BMA1-12D2H6
±12
±5
±42
14
110
80
BMA1-12D3H6
10.8~13.2V
Nominal:12Vdc
±15
±4
±34
12
110
80
BMA1-15S1H6
5
20
200
12
93
76
BMA1-15D1H6
±5
±10
±100
10
89
79
BMA1-15D3H6
13.5~16.5V
Nominal:15Vdc
±15
±4
±34
12
89
79
BMA1-24S0H6
3.3
30
303
6
58
76
BMA1-24S1H6
5
20
200
6
55
80
BMA1-24S2H6
12
9
84
8
55
80
BMA1-24S3H6
15
7
67
8
56
79
BMA1-24D1H6
±5
±10
±100
7
57
77
BMA1-24DAH6
±9
±6
±56
7
56
79
BMA1-24D2H6
21.6~26.4V
Nominal:24Vdc
±12
±5
±42
7
57
77
Applications
The BMA1H6 Series are specially designed to
provide ultra-high levels of isolation 6000VDC in a
miniature SIP package. These converters are well
suitable for a variety of applications including battery
operated equipment, measurement equipment,
distributed power systems, Industry control systems
and local power networks.


Similar Part No. - BMA1-15D1H6

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BMA1-15D1H6 BOTHHAND-BMA1-15D1H6 Datasheet
206Kb / 3P
   Isolated DC-DC Converters
More results

Similar Description - BMA1-15D1H6

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com