Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BOB5-24S0 Datasheet(PDF) 4 Page - Bothhand USA, LP.

Part # BOB5-24S0
Description  Isolated DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BOB5-24S0 Datasheet(HTML) 4 Page - Bothhand USA, LP.

  BOB5-24S0 Datasheet HTML 1Page - Bothhand USA, LP. BOB5-24S0 Datasheet HTML 2Page - Bothhand USA, LP. BOB5-24S0 Datasheet HTML 3Page - Bothhand USA, LP. BOB5-24S0 Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BOTHHAND
USA
E-mail: sales@bothhand
USA.com
http://www.bothhandUSA.com
Rev:20100621A
Page 4 of 4
Isolated DC-DC Converters
BOB5 Series -- 5 Watt
BOB5-48S1
BOB5-48S1
Transient Response at 50%~100% Max Load
Loop Gain & Phase at Vi=48V,Full Load
Note
1. Io below this value will not damage these converters, however, they may not meet all listed specifications.
2. Typical value, tested at nominal input and full load.
3. For each output.
4. Short to -Vin (Pin 2,3).
5. Based on BOB5-48S1.
Mechanical Dimensions
Specifications subject to change without notice.
Pin Assignment
Pin
Single
Dual
1
Remote On/Off
Remote On/Off
2
-Vin
-Vin
3
-Vin
-Vin
9
No pin
Common
11
No function
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
Unit: mm [inch]
Tolerance:±0.5[0.02]


Similar Part No. - BOB5-24S0

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BOB5-24S0 BOTHHAND-BOB5-24S0 Datasheet
334Kb / 4P
   Isolated DC-DC Converters
BOB5-24S0W BOTHHAND-BOB5-24S0W Datasheet
352Kb / 4P
   Isolated DC-DC Converters
BOB5-24S0W BOTHHAND-BOB5-24S0W Datasheet
352Kb / 4P
   Isolated DC-DC Converters
More results

Similar Description - BOB5-24S0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com