Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELXM3B1VSN561MR50S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # ELXM3B1VSN561MR50S
Description  LXMSeries
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ELXM3B1VSN561MR50S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  ELXM3B1VSN561MR50S Datasheet HTML 1Page - United Chemi-Con, Inc. ELXM3B1VSN561MR50S Datasheet HTML 2Page - United Chemi-Con, Inc. ELXM3B1VSN561MR50S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Long life snap-ins, 105
LXM
Series
・Endurance with ripple current : 7,000 hours at 105℃
・Non solvent resistant type
・RoHS Compliant
◆SPECIFICATIONS
Rated voltage (Vdc)
Rated voltage (Vdc)
≦±20% of the initial value
≦The initial specified value
≦±15% of the initial value
≦150% of the initial specified value
≦The initial specified value
(at 20
℃, 120Hz)
(at 20
℃ after 5 minutes)
(at 20
℃, 120Hz)
Z (-25
℃)/Z (+20℃)
(tanδ)
tanδ (Max.)
±20% (M)
I
≦3 CV
D.F. (tanδ)
D.F. (tanδ)
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-25 to +105
160 to 450Vdc
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
Capacitance change
Leakage current
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
Leakage current
Characteristics
160 to 400V
0.15
160 to 400V
4
420 & 450V
0.20
420 & 450V
8
≦250% of the initial specified value
ripple current is applied (the peak voltage shall not exceed the rated voltage) for 7,000 hours at 105
℃.
.
◆DIMENSIONS [mm]
Terminal Code : VS (φ22 toφ35) : Standard
4.0
±0.5
L
±2
4.5
±1
L
±2
2-
φ2
*
φD=35mm : 3.5±0.5mm
The standard design has no plastic disc.
Vent
Negative mark
Sleeve (PET : Brown)
PC board pin-out
Vent
Negative mark
Sleeve (PET : Brown)
PC board pin-out
Terminal Code : LI (φ35)
5
±0.5
14.2
±1
2-1.2
×6
*
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Dummy terminal code
Terminal code (VS, LI)
Voltage code (ex. 160V:161, 315V:3B1, 450V:451)
Series code
Category
E L X M
V S N
S
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (snap-in type)"
Capacitance code (ex. 47
µF:470, 2,200µF:222)
Longer life
LXQ P249
LXM
243
CAT. No. E1001N
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - ELXM3B1VSN561MR50S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXM3B1VSN561MR50S CHEMI-CON-ELXM3B1VSN561MR50S Datasheet
67Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com