Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUB10-24S0 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BUB10-24S0
Description  Isolated DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BUB10-24S0 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BUB10-24S0 Datasheet HTML 1Page - Bothhand USA, LP. BUB10-24S0 Datasheet HTML 2Page - Bothhand USA, LP. BUB10-24S0 Datasheet HTML 3Page - Bothhand USA, LP. BUB10-24S0 Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BOTHHAND
USA
E-mail:
sales@bothhandUSA.com
http://www.bothhand
USA.com
Rev:20101125A
Page 1 of 4
Isolated DC-DC Converters
BUB10 Series -- 10 Watt
Features
Wide 2 : 1 Input Voltage Range(9~18V,18~36V,36~75V)
Remote On/Off
Input / Output Isolation Voltage: 1.5K Vdc
Extended Operating Temperature Range: -40°C to+85°C
Output Short Circuit Protection:
Continuous & Auto Recovery
Over Voltage Protection: Clamp Mode
Shielded Metal Case with Insulated Baseplate
Lead Free Design, RoHS Compliant
6 pin DIP Package with Industry-Standard Footprint
Customer Design Available
Technical Specification
All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
Output Current (mA)
Input Current (mA)
Model
Number
Input Voltage
Range
Output
Voltage
(Vdc)
Min. Load
(1)
Full. Load
No Load
Full Load
Eff .
(2)
(%)
Capacitive
Load, max.
(3)
(uF)
BUB10-12S0
3.3
240
2400
7
892
78
17000
BUB10-12S1
5
135
2000
7
1096
80
9400
BUB10-12S2
12
0
830
18
1024
85
880
BUB10-12S3
15
0
670
22
1033
85
430
BUB10-12S5
24
0
415
22
1024
86
169
BUB10-12D1
±5
57
±1000
6
1068
82
2200
BUB10-12D2
±12
0
±415
27
1037
84
430
BUB10-12D3
9~18V
Nominal:12Vdc
±15
0
±330
30
1018
85
160
BUB10-24S0
3.3
230
2400
4
440
79
23300
BUB10-24S1
5
100
2000
4
534
82
30000
BUB10-24S2
12
0
830
10
506
86
760
BUB10-24S3
15
0
670
12
504
87
430
BUB10-24S5
24
0
415
11
500
87
194
BUB10-24D1
±5
55
±1000
4
527
83
2000
BUB10-24D2
±12
0
±415
15
506
86
257
BUB10-24D3
18~36V
Nominal:24Vdc
±15
0
±330
15
496
87
230
BUB10-48S0
3.3
120
2400
1.6
226
77
13300
BUB10-48S1
5
120
2000
1.7
267
82
5700
BUB10-48S2
12
0
830
6
256
85
550
BUB10-48S3
15
0
670
7
255
86
377
BUB10-48S5
24
0
415
6
250
87
122
BUB10-48D1
±5
60
±1000
22
267
82
2000
BUB10-48D2
±12
0
±415
8
253
86
242
BUB10-48D3
36~75V
Nominal:48Vdc
±15
0
±330
8
251
86
157
Description
The BUB10 Series are isolated 10W DC/DC converters.
Designed with highly efficiency, allow the operating temperature
range of these units to be -40°C to +85°C in a 6 pin DIP package
with industry-standard footprint. Further features include wide 2 :
1 input voltage range, remote on/off control, short-circuit
protection and over voltage protection.
Applications
These converters are well suitable for battery operated
equipment,
measurement
equipment,
telecom,
wireless
network, Industry control system, everywhere where isolated,
tightly regulated voltages and compact size are required.


Similar Part No. - BUB10-24S0

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BUB10-24S0 BOTHHAND-BUB10-24S0 Datasheet
293Kb / 4P
   Isolated DC-DC Converters
More results

Similar Description - BUB10-24S0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com