Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCAR25-05SA Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # CCAR25-05SA
Description  0.25 Watt SMD O/P DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

CCAR25-05SA Datasheet(HTML) 3 Page - Bothhand USA, LP.

  CCAR25-05SA Datasheet HTML 1Page - Bothhand USA, LP. CCAR25-05SA Datasheet HTML 2Page - Bothhand USA, LP. CCAR25-05SA Datasheet HTML 3Page - Bothhand USA, LP. CCAR25-05SA Datasheet HTML 4Page - Bothhand USA, LP. CCAR25-05SA Datasheet HTML 5Page - Bothhand USA, LP. CCAR25-05SA Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Inc.
CCAR25 Series
0.25 Watt SMD Single O/P DC-DC Converter
Single Output
Bothhand
USA
www.bothhandusa.com
3
E-mail: sales@bothhandusa.com
24V Input Model
21.6
24
26.4
Output Voltage Accuracy
Nominal Input
---
3.0
5.0
%
Output Voltage Balance
---
---
±1.0
---
Switching Frequency
60
100
150
KHz
Temperature Coefficient
---
±0.01
±0.02
%/ ℃
Isolation Voltage
60 Second
1000
---
---
Vdc
Isolation Resistance
500Vdc
1000
---
---
M
Ω
Isolation Capacitance
3.3V Input Model
6
12
20
pF
5V Input Model
8
16
26
12V Input Model
8
16
28
15V Input Model
8
16
28
24V Input Model
8
16
30
Max. Line Regulation (Per1.0% change in input change)
---
---
---
1.3
%
5 . General Specification
Parameter
Specification
Condition
Isolation Voltage
1000 Vdc
Test Duration 60 Seconds / 0.5 mA
Isolation Resistance
1000 M
Ω Min.
@ 500 Vdc
Operating Temperature (1)
-40℃ ~ +85℃
@ Ambient Temperature With Natural Convention
Operating Temperature (2)
-40℃ ~ +95℃
@ Case Surface Temperature
Storage Temperature
-55℃ ~ +125℃
---
Humidity
Up To 90 %
---
Cooling
Free Air Convection
---
6 . Ordering Information
CCAR25 -XX XX
Device Family
Input Voltage
Output Voltage Code


Similar Part No. - CCAR25-05SA

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
CCAR25-05SA BOTHHAND-CCAR25-05SA Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CCAR25-05SA BOTHHAND-CCAR25-05SA Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
More results

Similar Description - CCAR25-05SA

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
CCAR25-SERIES BOTHHAND-CCAR25-SERIES Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CAA1 BOTHHAND-CAA1 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
SA1LF BOTHHAND-SA1LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
SA1-LF-SERIES BOTHHAND-SA1-LF-SERIES Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
logo
AIMTEC
AM1_4S-Z AIMTEC-AM1_4S-Z_13 Datasheet
230Kb / 3P
   0.25 Watt | DC-DC Converter
logo
Make-Ps
PME-S-Z MAKE-PS-PME-S-Z Datasheet
533Kb / 3P
   0.25 Watt | DC-DC Converter
logo
AIMTEC
AM1_4S-Z AIMTEC-AM1_4S-Z Datasheet
224Kb / 3P
   0.25 Watt | DC-DC Converter
AM1_4LS-NZ AIMTEC-AM1_4LS-NZ Datasheet
240Kb / 4P
   0.25 Watt | DC-DC Converter
AMQL-N AIMTEC-AMQL-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com