Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1317505 Datasheet(PDF) 2 Page - Winchester Electronics Corporation

Part # 1317505
Description  Between Series Adapters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

1317505 Datasheet(HTML) 2 Page - Winchester Electronics Corporation

  1317505 Datasheet HTML 1Page - Winchester Electronics Corporation 1317505 Datasheet HTML 2Page - Winchester Electronics Corporation 1317505 Datasheet HTML 3Page - Winchester Electronics Corporation 1317505 Datasheet HTML 4Page - Winchester Electronics Corporation 1317505 Datasheet HTML 5Page - Winchester Electronics Corporation 1317505 Datasheet HTML 6Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
- Page 29 -
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
__________________________
N to 7/16
Part
Number
Description
Fig.
No.
131150011
N Male - 7/16 Female (Tri-Plate)
155A
153115011
N Male - 7/16 Male (Tri-Plate)
156A
153155011
N Female - 7/16 Male (Tri-Plate)
157A
153215011
N Female - 7/16 Female (Tri-
Plate)
158A
Fig. 155A
Fig. 156A
Fig. 157A
Fig. 158
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
___________________________
7/16 to 7/16
Part
Number
Description
Fig.
No.
1513A5011
7/16 Male - 7/16 Female R/A (Tri-
Plate)
155B
1532A5011
7/16 Female -- 7/16 Female (Tri-Plate) 156B
Fig. 155B
Fig. 156B
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
FOR TECHNICAL SUPPORT: PHONE 973-347-4040 / FAX 973-347-2111
28
Between Series Adapters
_____________________________
BNC to TNC
Part
Number
Description
Fig.
No
.
3315505
BNC Male - TNC Female
162
3325505
BNC Female - TNC Female
163
5313505
BNC Female - TNC Male
164
Fig. 162
Fig. 163
Fig. 164
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
_____________________________
BNC to Mini-UHF
Part
Number
Description
Fig.
No.
3316505
BNC Male - Mini-UHF Female
165
6313505
BNC Female - Mini-UHF Male
166
Fig. 165
Fig. 166
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
_____________________________
BNC to UHF
Part
Number
Description
Fig.
No
.
3307505
BNC Male - UHF Male
167


Similar Part No. - 1317505

ManufacturerPart #DatasheetDescription
logo
Heyco.
13175 HEYCO-13175 Datasheet
141Kb / 1P
   Nytye® Heavy Duty and Extra Heavy Duty/HVAC Nylon Cable Ties
13175 HEYCO-13175 Datasheet
153Kb / 1P
   Nytye® Heavy Duty Nylon Cable Ties
13175B HEYCO-13175B Datasheet
141Kb / 1P
   Nytye® Heavy Duty and Extra Heavy Duty/HVAC Nylon Cable Ties
13175B HEYCO-13175B Datasheet
153Kb / 1P
   Nytye® Heavy Duty Nylon Cable Ties
More results

Similar Description - 1317505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADT-2544-7M-NNM-02 ETC2-ADT-2544-7M-NNM-02 Datasheet
44Kb / 1P
   Between-Series Adapters
ADT-2580-NM-SMM-02 ETC2-ADT-2580-NM-SMM-02 Datasheet
67Kb / 1P
   Between-Series Adapters
logo
Aeroflex Circuit Techno...
5065 AEROFLEX-5065 Datasheet
43Kb / 1P
   ADAPTERS, BETWEEN SERIES 2.4mm / 3.5mm, DC - 34 GHz
logo
Amphenol Corporation
000-16050 AMPHENOL-000-16050 Datasheet
86Kb / 1P
   Adapters, Between Series Straight, Jack to Plug or Jack to Jack
000-16075 AMPHENOL-000-16075 Datasheet
75Kb / 1P
   Adapters, Between Series Straight, Jack to Plug or Jack to Jack
logo
List of Unclassifed Man...
ADT-2593-MF-SMA-02 ETC2-ADT-2593-MF-SMA-02 Datasheet
45Kb / 1P
   Im-Series Adapters
logo
Huber+Suhner, Inc.
33_UHF-BNC-0-1-032_- HUBERSUHNER-33_UHF-BNC-0-1-032_- Datasheet
832Kb / 1P
   Between Series Adaptor
31_MBX-SMA-50-1-111_N HUBERSUHNER-31_MBX-SMA-50-1-111_N Datasheet
808Kb / 1P
   Between Series Adaptor
31_N-SMA-50-511--_U HUBERSUHNER-31_N-SMA-50-511--_U Datasheet
792Kb / 1P
   Between Series Adaptor
31_N-SMB-50-1-1--_U HUBERSUHNER-31_N-SMB-50-1-1--_U Datasheet
794Kb / 1P
   Between Series Adaptor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com