Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCAR25-15S0 Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # CCAR25-15S0
Description  0.25 Watt SMD O/P DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

CCAR25-15S0 Datasheet(HTML) 2 Page - Bothhand USA, LP.

  CCAR25-15S0 Datasheet HTML 1Page - Bothhand USA, LP. CCAR25-15S0 Datasheet HTML 2Page - Bothhand USA, LP. CCAR25-15S0 Datasheet HTML 3Page - Bothhand USA, LP. CCAR25-15S0 Datasheet HTML 4Page - Bothhand USA, LP. CCAR25-15S0 Datasheet HTML 5Page - Bothhand USA, LP. CCAR25-15S0 Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Inc.
CCAR25 Series
0.25 Watt SMD Single O/P DC-DC Converter
Single Output
Bothhand
USA
www.bothhandusa.com
2
E-mail:
sales@bothhandusa.com
CCAR25-15S0
15
3.3
76
10
26
60
8
70
CCAR25-15S1
5
50
12
26
60
8
70
CCAR25-15SA
9
28
12
25
80
5
73
CCAR25-15S2
12
21
13
25
100
5
73
CCAR25-15S3
15
17
12
24
100
5
74
CCAR25-24S0
24
3.3
76
8
17
60
10
70
CCAR25-24S1
5
50
8
16
60
5
71
CCAR25-24SA
9
28
9
16
80
5
71
CCAR25-24S2
12
21
10
16
100
5
71
CCAR25-24S3
15
17
10
17
120
5
70
Notes :
1.
Load regulation is for output current change from 10% to 100% Max .Load.
3 . Absolute Maximum Ratings
(Exceeding these values may damage the module. These are not continuous operating ratings)
Parameter
Condition
Min.
Typ.
Max.
Unit
Input Absolute Voltage Range
3.3V Input Model
-0.7
3.3
4.2
Vdc
5V Input Model
-0.7
5
7
12V Input Model
-0.7
12
15
15V Input Model
-0.7
15
18
24V Input Model
-0.7
24
28
Max. Output Power
---
---
1.0
W
Output Short Circuit Duration
---
---
1.0
Second
Operation Temperature (Ambient Temperature)
Output Full Load
-40
---
+85
Storage Temperature
-55
---
+125
Lead Temperature 1.5 mm From Case For 10 Seconds
---
---
+260
Peak Airflow Temperature With CECC 00802 Profile
---
---
+245
4 . Nominal Input/Output Electrical Specifications
(Specifications typical at Ta= +25℃ , Nominal input voltage, Rated output current unless otherwise noted)
Parameter
Condition
Min.
Typ.
Max.
Unit
Input Voltage Range
3.3V Input Model
2.97
3.3
3.63
Vdc
5V Input Model
4.5
5
5.5
12V Input Model
10.8
12
13.2
15V Input Model
13.5
15
16.5


Similar Part No. - CCAR25-15S0

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
CCAR25-15S0 BOTHHAND-CCAR25-15S0 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
More results

Similar Description - CCAR25-15S0

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
CCAR25-SERIES BOTHHAND-CCAR25-SERIES Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CAA1 BOTHHAND-CAA1 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
SA1LF BOTHHAND-SA1LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
SA1-LF-SERIES BOTHHAND-SA1-LF-SERIES Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
logo
AIMTEC
AM1_4S-Z AIMTEC-AM1_4S-Z_13 Datasheet
230Kb / 3P
   0.25 Watt | DC-DC Converter
logo
Make-Ps
PME-S-Z MAKE-PS-PME-S-Z Datasheet
533Kb / 3P
   0.25 Watt | DC-DC Converter
logo
AIMTEC
AM1_4S-Z AIMTEC-AM1_4S-Z Datasheet
224Kb / 3P
   0.25 Watt | DC-DC Converter
AM1_4LS-NZ AIMTEC-AM1_4LS-NZ Datasheet
240Kb / 4P
   0.25 Watt | DC-DC Converter
AMQL-N AIMTEC-AMQL-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com