Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZR36067 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZR36067
Description  AV PCI CONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZR36067 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZR36067 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZR36067 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZR36067 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZR36067 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZR36067 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZR36067 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZR36067 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZR36067 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZR36067 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
9
AV PCI CONTROLLER
and “Gib” Endian formats are supported where applicable (Refer
to the PCI Multimedia Design Guide, Revision 1.0).
4.2.2 Display Modes
The display mode can be configured to either emulated inter-
laced video (both input fields are displayed simultaneously on
the non-interlaced monitor) or single field display. The latter is
appropriate for motion artifact elimination when displaying live or
decompressed Motion JPEG video.
4.2.3 Frame Grabbing
The ZR36067 can grab video frames (scaled or non scaled), or
fields, in any of the pixel formats listed above, directly into
system memory, eliminating the need for memory on the add-in
board.
4.2.4 Overlay Control
Graphics overlay is supported, in that display memory areas that
are “owned” by graphics applications, may not be loaded with
video pixels, allowing true windowing and overlay. The software
driver prepares a masking map of the video rectangle, and the
ZR36067 uses this map for masking decision, when transferring
the pixels to the display memory.
4.3 Host Control/Communication Services
4.3.1 Application-Specific Registers (ASRs)
The name “application-specific” distinguishes these registers
from the PCI configuration space registers. These memory
mapped registers provide the host software with full control over
the operation of the ZR36067. The ZR36067 claims a contigu-
ous space of 4 KBytes in system memory.
4.3.2 GuestBus
Host software control over non-PCI devices, such as a Motion
JPEG codec, an MPEG decoder, a video encoder, etc., is done
through the ZR36067’s GuestBus. Host accesses to these
“guest” devices, mapped as application specific registers inside
the ZR36067, are output as GuestBus cycles. Such accesses
can either use the PostOffice handshaking protocol, or the Code
DMA Controller. The first method is adequate for commands,
configuration data, etc., while the second method provides a
faster channel, and is intended for continuous transfer of data
such as a compressed bitstream.
4.3.3 PostOffice Handshaking Protocol
The ZR36067 PostOffice handshaking protocol, implemented
over the GuestBus, allows host accesses to relatively slow guest
devices, with no degradation of the PCI bus performance.
4.3.4 Still Transfer Mechanism
The ZR36067 supports a dedicated Still Transfer port, by means
of which the host writes (reads) image pixels in JPEG Still Image
Compression (Decompression) mode. The Still Transfer port is
mapped inside the ASR area, and a special controller intercon-
nects this port to the ZR36067’s extended video bus (24 bits
RGB). The Still Transfer handshake protocol enables high rate
pixels transfer between the system memory and the JPEG pro-
cessor via the ZR36067.
4.3.5 I2C Port
A software-driven I2C port allows controlling of I2C devices.
4.3.6 Interrupt Manager
Interrupt requests associated with several internal and external
conditions are sent to the host via the PCI bus (using INTA).
Selection of interrupt originators is programmable.
4.4 Code DMA Controller
The ZR36067 includes a DMA channel for transferring data
between the system memory and a selected device on the Code
Bus or GuestBus. Two configurations are supported:
• MPEG mode. The data flow is unidirectional, from the sys-
tem memory, to the ZR36067’s GuestBus.
• JPEG mode. The data flow is bidirectional, and the direction
is determined by the selected sub-mode. In JPEG Compres-
sion, the data flows from the Codec bus to the system
memory. In JPEG Decompression, the data flows from the
system memory to the Codec bus.
4.4.1 MPEG Mode
In MPEG mode, the data flows from the system memory to the
ZR36067’s GuestBus. Typically, this would be a compressed bit-
stream, to be decompressed by a device such as an MPEG
decoder attached to the GuestBus. Other examples are sampled
audio (WAV data), MIDI token stream, etc. Temporary latencies
on the PCI bus or the GuestBus are handled without loss of data.
The GuestBus master simultaneously serves the PostOffice
accesses and the code DMA transfers: DMA transfers are
viewed as the “main” task of the GuestBus master, while any
number of PostOffice requests may occasionally interrupt the
DMA traffic.
The DMA controller supports both auto-initialized (cyclic) block
transfers, or single block transfers. The size of the destination
block in main memory can be selected out of several possible
sizes, ranging from 8 KBytes up to 256 KBytes. The destination
block may also be virtually split into several sub-blocks, allowing
the ZR36067 to interrupt the host when a sub-block has been
transferred. This feature provides the software with a means of
optimizing the refill accesses according to the application
requirements and the disk performance.
4.4.2 JPEG Modes
In the JPEG modes, the data flows between the system memory
and the ZR36067’s Codec bus. In JPEG Compression, from the


Similar Part No. - ZR36067

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZR36060 ETC-ZR36060 Datasheet
307Kb / 46P
   Integrated JPEG CODEC
ZR36060PQC ETC-ZR36060PQC Datasheet
307Kb / 46P
   Integrated JPEG CODEC
More results

Similar Description - ZR36067

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GD82559ER INTEL-GD82559ER Datasheet
662Kb / 94P
   PCI Controller
logo
NXP Semiconductors
PDI1394L11 PHILIPS-PDI1394L11 Datasheet
294Kb / 46P
   1394 AV link layer controller
1997 Oct 21
logo
Panasonic Semiconductor
MN5814 PANASONIC-MN5814 Datasheet
111Kb / 8P
   TFT AV Panel Controller IC
logo
NXP Semiconductors
PDI1394L40 PHILIPS-PDI1394L40 Datasheet
327Kb / 80P
   1394 enhanced AV link layer controller
2000 Dec 15
logo
Intersil Corporation
HIP1011B INTERSIL-HIP1011B_04 Datasheet
237Kb / 9P
   PCI Hot Plug Controller
logo
List of Unclassifed Man...
VT86C100A ETC-VT86C100A Datasheet
349Kb / 32P
   PCI FAST ETHERNET CONTROLLER
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
   PCI Hot Plug Controller
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011_04 Datasheet
215Kb / 8P
   PCI Hot Plug Controller
logo
Fujitsu Component Limit...
MB86295S FUJITSU-MB86295S Datasheet
1Mb / 310P
   PCI Graphics Controller Specification
logo
List of Unclassifed Man...
VT86C926 ETC-VT86C926 Datasheet
87Kb / 24P
   AMAZON PCI ETHERNET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com