Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

132B9505 Datasheet(PDF) 5 Page - Winchester Electronics Corporation

Part # 132B9505
Description  Between Series Adapters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

132B9505 Datasheet(HTML) 5 Page - Winchester Electronics Corporation

  132B9505 Datasheet HTML 1Page - Winchester Electronics Corporation 132B9505 Datasheet HTML 2Page - Winchester Electronics Corporation 132B9505 Datasheet HTML 3Page - Winchester Electronics Corporation 132B9505 Datasheet HTML 4Page - Winchester Electronics Corporation 132B9505 Datasheet HTML 5Page - Winchester Electronics Corporation 132B9505 Datasheet HTML 6Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
- Page 31 -
Part
Number
Description
Fig.
No.
93110505
SMA Female - SMB Male
204
Fig. 204
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
_____________________________
SMA to U.FL
Part
Number
Description
Fig.
No.
931RPBUFLP
SMA -RP Female - U.FL
Male
205
Fig. 205
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
_____________________________
FOR TECHNICAL SUPPORT: PHONE 973-347-4040 / FAX 973-347-2111
30
Between Series Adapters
_____________________________
UHF to F
Part
Number
Description
Fig.
No.
7318505
UHF Male - F Female
204
Fig. 200
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
_____________________________
RCA to BNC
Part
Number
Description
Fig.
No.
R0842
RCA Male - BNC Male
192
R0843
RCA Female - BNC Male
193
R0844
RCA Male - BNC Female
194
Fig. 192
Fig. 193
Fig. 194
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
_____________________________
RCA to F
Part
Number
Description
Fig.
No.
R0847
RCA Male - F Male
195
R0849
RCA Male - F Female
196
R0851
RCA Female - F Male
197
Fig. 195
Fig. 196
Fig. 197
RoHS compliant
REQUEST QUOTE
REQUEST DRAWING
_____________________________
RCA to UHF
Part
Number
Description
Fig.
No.
R0811
RCA Female - UHF Male
198


Similar Part No. - 132B9505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
132B9505 ETC2-132B9505 Datasheet
63Kb / 1P
   N BULKHEAD JACK TO SMA JACK ADAPTER
More results

Similar Description - 132B9505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADT-2544-7M-NNM-02 ETC2-ADT-2544-7M-NNM-02 Datasheet
44Kb / 1P
   Between-Series Adapters
ADT-2580-NM-SMM-02 ETC2-ADT-2580-NM-SMM-02 Datasheet
67Kb / 1P
   Between-Series Adapters
logo
Aeroflex Circuit Techno...
5065 AEROFLEX-5065 Datasheet
43Kb / 1P
   ADAPTERS, BETWEEN SERIES 2.4mm / 3.5mm, DC - 34 GHz
logo
Amphenol Corporation
000-16050 AMPHENOL-000-16050 Datasheet
86Kb / 1P
   Adapters, Between Series Straight, Jack to Plug or Jack to Jack
000-16075 AMPHENOL-000-16075 Datasheet
75Kb / 1P
   Adapters, Between Series Straight, Jack to Plug or Jack to Jack
logo
List of Unclassifed Man...
ADT-2593-MF-SMA-02 ETC2-ADT-2593-MF-SMA-02 Datasheet
45Kb / 1P
   Im-Series Adapters
logo
Huber+Suhner, Inc.
33_UHF-BNC-0-1-032_- HUBERSUHNER-33_UHF-BNC-0-1-032_- Datasheet
832Kb / 1P
   Between Series Adaptor
31_MBX-SMA-50-1-111_N HUBERSUHNER-31_MBX-SMA-50-1-111_N Datasheet
808Kb / 1P
   Between Series Adaptor
31_N-SMA-50-511--_U HUBERSUHNER-31_N-SMA-50-511--_U Datasheet
792Kb / 1P
   Between Series Adaptor
31_N-SMB-50-1-1--_U HUBERSUHNER-31_N-SMB-50-1-1--_U Datasheet
794Kb / 1P
   Between Series Adaptor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com