Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0884 Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # F0884
Description  Specifications for F Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

F0884 Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  F0884 Datasheet HTML 1Page - Winchester Electronics Corporation F0884 Datasheet HTML 2Page - Winchester Electronics Corporation F0884 Datasheet HTML 3Page - Winchester Electronics Corporation F0884 Datasheet HTML 4Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- Page 24 -
- Page 25 -
s
Specifications for "F" Connectors
_____________________________
F style connectors are the least expensive, general purpose connectors with non-constant impedance for use at 500 volts or
less, and for use with low frequencies to 500Mhz. These coaxial connectors are widely used in Cable TV, MATV, CCTV,
and related consumer television products. They are available in a limited selection to fit various cable sizes. NOTE: See
V-Bite 861V509ER6 -40dB @ 2.3GHz
MATERIALS
Connector Parts
Material
Connector Body and Parts
Brass
Male Contact Pin
Brass
Insulators
Polypropylene
Plating
Nickel
Ferrule
Annealed Copper
ELECTRICAL
Requirement
Performance
Impedance
Non Constant
Frequency Range
0-500MHz (see below
861V509ER6 to 3GHz)
VSWR
1.5 Max.
Working Voltage (At Sea level)
500V rms
Insulation Resistance
5000 Megohm Min.
Contact Resistance
3 mW Max.
Test Voltage
1000V r.m.s
MECHANICAL & ENVIRONMENTAL
Requirement
Performance
Durability
500 Matings
Shock
30 G
Cable Retention
40 Lbs. Min.
Temperature Range
-40 to +65°C.
Moisture Range
Continuous Test
_____________________________
FOR TECHNICAL SUPPORT: PHONE 973-347-4040 / FAX 973-347-2111
back to index
24
"F" Connectors
_____________________________


Similar Part No. - F0884

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
F0884 WINCHESTER-F0884 Datasheet
210Kb / 1P
   Plugs, Jacks, Adapters
More results

Similar Description - F0884

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
132A505 WINCHESTER-132A505 Datasheet
100Kb / 4P
   Specifications for N Connectors
310B205MV WINCHESTER-310B205MV Datasheet
454Kb / 11P
   Specifications for BNC Connectors
564A595 WINCHESTER-564A595 Datasheet
95Kb / 4P
   Specifications for TNC Connectors
732A508 WINCHESTER-732A508 Datasheet
62Kb / 3P
   Specifications for UHF Connectors
logo
AZ Displays
AGM1264M AZDISPLAYS-AGM1264M Datasheet
846Kb / 13P
   SPECIFICATIONS FOR SPECIFICATIONS FOR
ATM0280B23B AZDISPLAYS-ATM0280B23B Datasheet
401Kb / 16P
   SPECIFICATIONS FOR
logo
Jewel Hill Electronic
JH22176220A JHE-JH22176220A Datasheet
1Mb / 23P
   SPECIFICATIONS FOR
logo
XFMRS Inc.
XFEB100505-601 XFMRS-XFEB100505-601_15 Datasheet
150Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB201209-121-5A XFMRS-XFEB201209-121-5A_15 Datasheet
62Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB201209-220-6A XFMRS-XFEB201209-220-6A_15 Datasheet
27Kb / 1P
   SPECIFICATIONS FOR APPROVAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com