Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBA2-05D0H6 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # HBA2-05D0H6
Description  Isolated DC-DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

HBA2-05D0H6 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  HBA2-05D0H6 Datasheet HTML 1Page - Bothhand USA, LP. HBA2-05D0H6 Datasheet HTML 2Page - Bothhand USA, LP. HBA2-05D0H6 Datasheet HTML 3Page - Bothhand USA, LP. HBA2-05D0H6 Datasheet HTML 4Page - Bothhand USA, LP. HBA2-05D0H6 Datasheet HTML 5Page - Bothhand USA, LP. HBA2-05D0H6 Datasheet HTML 6Page - Bothhand USA, LP. HBA2-05D0H6 Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev:20130522A
Page 1 of 4
Isolated DC-DC Converters
HBA2 Series -- 2Watt
Features
7 pin SIP package
Input / Output Isolation Voltage: 6.4kVDC
High Efficiency
Lead Free Design, RoHS Compliant
Operating temperature: -40°C to +85°C
Optional Reinforced Isolation 8kVDC
Safety Standard / Approval : IEC / EN 60950-1
IEC / EN 60601-1
Technical Specification
All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
Output
Current (mA)
Input Current (mA)
Model
Number
Reinforced
Isolation 8kVDC
Input Voltage
Range(V)
Output
Voltage
(V)
Full Load
No Load
Full Load
Eff .
(2)
(%)
Capacitive
Load, max.
(3)
(uF)
HBA2-05S0H6
HBA2-05S0H8
3.3
600
550
76
3300
HBA2-05S1H6
HBA2-05S1H8
5
400
541
78
1200
HBA2-05SBH6
HBA2-05SBH8
7.2
278
526
80
1200
HBA2-05SAH6
HBA2-05SAH8
9
222
513
82
1200
HBA2-05S2H6
HBA2-05S2H8
12
167
513
82
680
HBA2-05S3H6
HBA2-05S3H8
15
132
513
82
680
HBA2-05D0H6
HBA2-05D0H8
±3.3
±300
535
78
±1500
HBA2-05D1H6
HBA2-05D1H8
±5
±200
526
80
±470
HBA2-05DBH6
HBA2-05DBH8
±7.2
±139
526
80
±470
HBA2-05DAH6
HBA2-05DAH8
±9
±111
519
81
±470
HBA2-05D2H6
HBA2-05D2H8
±12
±85
519
81
±330
HBA2-05D3H6
HBA2-05D3H8
4.5 ~ 5.5
Nominal: 5
±15
±66
70
513
82
±330
HBA2-12S0H6
HBA2-12S0H8
3.3
600
223
78
3300
HBA2-12S1H6
HBA2-12S1H8
5
400
219
80
1200
HBA2-12SBH6
HBA2-12SBH8
7.2
278
213
82
1200
HBA2-12SAH6
HBA2-12SAH8
9
222
211
83
1200
HBA2-12S2H6
HBA2-12S2H8
12
167
211
83
680
HBA2-12S3H6
HBA2-12S3H8
15
132
211
83
680
HBA2-12D0H6
HBA2-12D0H8
±3.3
±300
217
80
±1500
HBA2-12D1H6
HBA2-12D1H8
±5
±200
213
82
±470
HBA2-12DBH6
HBA2-12DBH8
±7.2
±139
211
83
±470
HBA2-12DAH6
HBA2-12DAH8
±9
±111
208
84
±470
HBA2-12D2H6
HBA2-12D2H8
±12
±85
208
84
±330
HBA2-12D3H6
HBA2-12D3H8
10.8 ~ 13.2
Nominal: 12
±15
±66
30
206
85
±330
Applications
These converters are well suitable for battery operated
equipment, measurement equipment, telecom, wireless
network, Industry control system, everywhere where
isolated, tightly regulated voltages and compact size are
required.
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com


Similar Part No. - HBA2-05D0H6

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
HBA2-05D0H6 BOTHHAND-HBA2-05D0H6 Datasheet
783Kb / 7P
   Isolated DC-DC Converters
More results

Similar Description - HBA2-05D0H6

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com