Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBC1505A Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # SBC1505A
Description  Serial Digital BNC Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SBC1505A Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  SBC1505A Datasheet HTML 1Page - Winchester Electronics Corporation SBC1505A Datasheet HTML 2Page - Winchester Electronics Corporation SBC1505A Datasheet HTML 3Page - Winchester Electronics Corporation SBC1505A Datasheet HTML 4Page - Winchester Electronics Corporation SBC1505A Datasheet HTML 5Page - Winchester Electronics Corporation SBC1505A Datasheet HTML 6Page - Winchester Electronics Corporation SBC1505A Datasheet HTML 7Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Broadcast Catalog
Check Distributor
Stock
Serial Digital BNC Connectors
Bomar’s true 75 ohm BNC connectors fit all standard broadcast cables and utilize standard existing tooling. Made from precision machined brass,
these rugged connectors maintain excellent return loss in analog and serial digital applications. 50 Ohm versions also available. Precision matched
for each cable. The SBC number identifies the cable manufacturer’s part number. An easy choice.
RoHS compliant
Part Number
Cable
Tool PN
SBC1164B
1164B
BDHD200
SBC1167B
1167B
BDHD200
SBC1407B
1407B
BDHD100
SBC1426
1426
BDHD100
SBC1505A
1505A
BDHD100
SBC1506A
1506A
BDHD100
SBC1520A
1520A
BDHD200
SBC1694A
1694A
BDHD100
SBC1695A
1695A
BD10410
SBC1855A
1855A
BDHD200
SBC1865A
1865A
BDHD200
SBC5565
5565
BDHD100
SBC5765
5765
BDHD100
SBC7501
7501
BDHD100
SBC7536
7536
BDHD200
SBC7538
7538
BDHD100
SBC7731A
7731A
BD11012A
SBC8279
8279
BDHD100
Connectors for many other
cable part numbers available.
Contact Bomar or your
distributor.
REQUEST QUOTE
REQUEST DRAWING
broadcast distributors
Part Number
Cable
Tool PN
SBC82108
82108
BDHD100
SBC8218
8218
BDHD200
SBC82259
82259
BDHD100
SBC8215
8215
BDHD100
SBC8241
8241(A)
BDHD100
SBC8279
8279(A)
BDHD100
SBC8281
8281(B),(F)
BDHD100
SBC83264
83264
BDHD100
SBC88281
88281
BDHD100
SBC89108
89108
BDHD100
SBC89259
89259
BDHD100
SBC9141
9141
BDHD100
SBC9165
9165
BDHD100
SBC9209
9209
BDHD100
SBC9221
9221
BD11016
SBC9231
9231
BDHD100
SBC9248
9248
BDHD100
SBC9259
9259, 9659
BDHD100
Crimp tool for most Serial Digital and HD BNC Plugs *
REQUEST QUOTE
Part Number
Die Size
BDHD100
.324, .255, .068, .042
BDHD200
.255, .213, .178, 100, .068, .042
* See chart for Serial Digital BNC above
* See Chart for High Definition BNC below
REQUEST QUOTE
Ask for P/N BD44008
Bomar's new BNC removal tool allows easy removal of
BNC connectors in dense patch panel applications.
____________________________


Similar Part No. - SBC1505A

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SBC1505A WINCHESTER-SBC1505A Datasheet
53Kb / 2P
   Standard BNC Connectors
More results

Similar Description - SBC1505A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
000-46650-75 AMPHENOL-000-46650-75 Datasheet
4Mb / 16P
   BNC Connectors
logo
List of Unclassifed Man...
F6-25B ETC2-F6-25B Datasheet
79Kb / 2P
   BNC to BNC Coax Cable Assemblies: Used in Serial Digital, Communication, HDTV, and Broadband Applications
logo
API Delevan
F6-15W API-F6-15W Datasheet
58Kb / 2P
   BNC to BNC Coax Cable Assemblies Used in Serial Digital, Communication, HDTV, and Broadband Applications
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
   BNC FEEDTHROUGH CONNECTORS
logo
DDK Ltd.
BNC DDK-BNC Datasheet
308Kb / 13P
   BNC Type Connectors
logo
Winchester Electronics ...
SBC1407B WINCHESTER-SBC1407B Datasheet
53Kb / 2P
   Standard BNC Connectors
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9000C GENNUM-GS9000C Datasheet
106Kb / 8P
   Serial Digital Decoder
GS9035A GENNUM-GS9035A Datasheet
239Kb / 14P
   Serial Digital Reclocker
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com