Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBA2-12SAH6 Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # HBA2-12SAH6
Description  Isolated DC-DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

HBA2-12SAH6 Datasheet(HTML) 3 Page - Bothhand USA, LP.

  HBA2-12SAH6 Datasheet HTML 1Page - Bothhand USA, LP. HBA2-12SAH6 Datasheet HTML 2Page - Bothhand USA, LP. HBA2-12SAH6 Datasheet HTML 3Page - Bothhand USA, LP. HBA2-12SAH6 Datasheet HTML 4Page - Bothhand USA, LP. HBA2-12SAH6 Datasheet HTML 5Page - Bothhand USA, LP. HBA2-12SAH6 Datasheet HTML 6Page - Bothhand USA, LP. HBA2-12SAH6 Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev:20130522A
Page 3 of 4
Isolated DC-DC Converters
HBA2 Series -- 2Watt
Voltage balance
Dual output
±1% max.
Minimum load
0A
Line regulation
For Vin change of 1%
±1.5% max.
10% max.
15% max.
(5Vout models)
Load Regulation
10% load to full load
20% max. (3.3Vout models)
Ripple and Noise (20MHz Bandwidth)
200mVp-p max.
Maximum capacitive load
See table
Output short circuit protection
1 second
General Specifications
Efficiency
Nominal input and full load
See table
Isolation voltage
Input to output
6400VDC (1 second)
Isolation resistance
500VDC
10
GΩ min.
Isolation capacitance
10pF max.
Switching frequency
80kHz max.
Reliability, calculated MTBF
2×10
6 Hrs
Physical Specifications
Case material
Plastic (UL94 V-0)
Potting material
Epoxy (UL94 V-0)
0.77 × 0.50 × 0.39 Inch
Dimensions
(19.5 ×12.5 × 9.8 mm)
Weight
4.3g (0.15oz) typ.
Note
1. Io below this value will not damage these converters, however, they may not meet all listed specifications.
2. Typical value, tested at nominal input and full load.
3. For each output.
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com


Similar Part No. - HBA2-12SAH6

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
HBA2-12SAH6 BOTHHAND-HBA2-12SAH6 Datasheet
783Kb / 7P
   Isolated DC-DC Converters
More results

Similar Description - HBA2-12SAH6

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com