Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBC1865A Datasheet(PDF) 3 Page - Winchester Electronics Corporation

Part # SBC1865A
Description  Serial Digital BNC Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SBC1865A Datasheet(HTML) 3 Page - Winchester Electronics Corporation

  SBC1865A Datasheet HTML 1Page - Winchester Electronics Corporation SBC1865A Datasheet HTML 2Page - Winchester Electronics Corporation SBC1865A Datasheet HTML 3Page - Winchester Electronics Corporation SBC1865A Datasheet HTML 4Page - Winchester Electronics Corporation SBC1865A Datasheet HTML 5Page - Winchester Electronics Corporation SBC1865A Datasheet HTML 6Page - Winchester Electronics Corporation SBC1865A Datasheet HTML 7Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
- Page 3 -
s
BD17900
REQUEST QUOTE
High Definition BNC Connectors
The Shadow ™ in the trade name for the best high definition BNC connector available at any price Shadow™ BNC connectors fit all standard
broadcast cables and utilize most standard existing tooling. These connectors are made from precision machined brass. Insulator material is high
density TFE to maintain a perfect dielectric constant. Bomar connectors utilize a .042 diameter gold plated contact pin to maintain the best return
loss in high definition applications.
The Shadow™ is precision machined (not die-cast) from brass. A special black
nickel plating is applied for a beautiful finish that is easily identifiable as a high
definition connector. Each connector is precision matched to a specific cable
type.
Uses standard commercial tooling. However, Bomar die sets are available for
use with KTH1000 frame.
RoHS compliant
Part Number
Cable
Hex Crimp
Tool
HBC1505A
1505A
.255/.042*
BDHD100
HBC1694A
1694A
.324/.042*
BDHD100
HBC1694AX
1694A
.278/.042*
BDHD100
HBC1855A
1855A
.178/.042*
BDHD200
HBC179DT
179DT
.213 ferrule only*
BDHD200
BD17900
12 Point Tool
.042 (pin only)
* We recommend 12 point tool for .042 pin
Bomar BD17900 (See Below)
Other cable sizes are available by special order.
REQUEST QUOTE
REQUEST DRAWING
In an independent test The Shadow™ proved to have the best return loss results at 3GHz.
Freq in GHz
Return Loss
(No Cable)
Return Loss
(No
Cable)
Return Loss (No
Cable)
Return Loss
(No
Cable)
Return Loss
(No
Cable)
xxx
Bomar
K-Brand
A-Brand
AM-Brand
T-Brand
2.0
- 29.4 dB
- 22.6 dB
- 23.3 dB
- 44.8 dB
- 21.4 dB
2.6
- 26.6 dB
- 20.3 dB
- 20.9 dB
- 22.3 dB
- 20.2 dB
3.0
- 23.1 dB
- 18.0 dB
- 17.4 dB
- 20.0 dB
- 19.0 dB
Bomar P/N HBC1694A HP8648C, Slotted Line (Connector Only Used For True Results.)
Once cable is applied . . .
back to index
2
Analog BNC Connectors


Similar Part No. - SBC1865A

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SBC1865A WINCHESTER-SBC1865A Datasheet
53Kb / 2P
   Standard BNC Connectors
More results

Similar Description - SBC1865A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
000-46650-75 AMPHENOL-000-46650-75 Datasheet
4Mb / 16P
   BNC Connectors
logo
List of Unclassifed Man...
F6-25B ETC2-F6-25B Datasheet
79Kb / 2P
   BNC to BNC Coax Cable Assemblies: Used in Serial Digital, Communication, HDTV, and Broadband Applications
logo
API Delevan
F6-15W API-F6-15W Datasheet
58Kb / 2P
   BNC to BNC Coax Cable Assemblies Used in Serial Digital, Communication, HDTV, and Broadband Applications
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
   BNC FEEDTHROUGH CONNECTORS
logo
DDK Ltd.
BNC DDK-BNC Datasheet
308Kb / 13P
   BNC Type Connectors
logo
Winchester Electronics ...
SBC1407B WINCHESTER-SBC1407B Datasheet
53Kb / 2P
   Standard BNC Connectors
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9000C GENNUM-GS9000C Datasheet
106Kb / 8P
   Serial Digital Decoder
GS9035A GENNUM-GS9035A Datasheet
239Kb / 14P
   Serial Digital Reclocker
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com