Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54TB6_R1_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BAT54TB6_R1_00001
Description  SURFACE MOUNT SCHOTTKY DIODE ARRAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAT54TB6_R1_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BAT54TB6_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. BAT54TB6_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. BAT54TB6_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. BAT54TB6_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. BAT54TB6_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc. BAT54TB6_R1_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
September 19,2016-REV.03
BAT54STB-TB6
ELECTRICAL CHARACTERISTICS (each diode) (TA=25OC, unless otherwise noted)
Parameter
Symbol
Test Condition
MIN.
TYP.
MAX.
Units
Reverse Breakdown Voltage
V(BR)
I R=100 uA
30
-
-
V
Reverse Current
I R
VR=25 V-
-
2.0
μA
Forward Voltage
VF
I F=0.1mA
I F=1.0mA
I F=10mA
I F=30mA
I F=100mA
-
-
-
-
-
-
-
0.347
-
-
0.24
0.32
0.40
0.50
0.60
V
Total Capacitance
CT
VR=1V, f=1.0MHZ
-
-
10
pF


Similar Part No. - BAT54TB6_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54TB6_R1_00001 PANJIT-BAT54TB6_R1_00001 Datasheet
137Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
More results

Similar Description - BAT54TB6_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54STB-TB6 PANJIT-BAT54STB-TB6 Datasheet
124Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW_11 Datasheet
100Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6-AU PANJIT-BAT54TB6-AU Datasheet
98Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW_17 Datasheet
170Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6-AU PANJIT-BAT54TB6-AU_16 Datasheet
131Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAS70TW PANJIT-BAS70TW_09 Datasheet
173Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6 PANJIT-BAT54TB6_16 Datasheet
137Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAS70TW PANJIT-BAS70TW Datasheet
152Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW Datasheet
80Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAS40TW PANJIT-BAS40TW Datasheet
123Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com