Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KCC1855F Datasheet(PDF) 6 Page - Winchester Electronics Corporation

Part # KCC1855F
Description  Serial Digital BNC Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

KCC1855F Datasheet(HTML) 6 Page - Winchester Electronics Corporation

  KCC1855F Datasheet HTML 1Page - Winchester Electronics Corporation KCC1855F Datasheet HTML 2Page - Winchester Electronics Corporation KCC1855F Datasheet HTML 3Page - Winchester Electronics Corporation KCC1855F Datasheet HTML 4Page - Winchester Electronics Corporation KCC1855F Datasheet HTML 5Page - Winchester Electronics Corporation KCC1855F Datasheet HTML 6Page - Winchester Electronics Corporation KCC1855F Datasheet HTML 7Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
- Page 5 -
- Page 6 -
bodies, Gold plated contacts.
RoHS compliant
REQUEST QUOTE
back to index
4
RoHS complian
REQUEST QUOTE
REQUEST DRAWING
The First BNC/Female / Female Isolated Panel Connector Rated for
High Definition
This BNC connector was designed from the contact up to meet the rigid standards for HDTV. Bomar is the first to develop a panel connector of this
type to perform as well at frequencies from 100MHz to 3 GHz. It is panel isolated and has a black nickel plated threaded bushing and flange. This
attractive black metal flange identifies the connector as one of the Shadow ™ HBC series HD connectors. Ask for HBC335R744.
Part No.
Description
HBC335R744
BNC F/F HD Isolated 75
Panel Feed thru
RoHS compliant
REQUEST QUOTE
REQUEST
DRAWING
BNC Precision 75 Ohm Terminator .1% Tolerance
Features and Specifications
Precision 0.1% Terminator
Rated for HD Test Applications
True 75 Ohm Impedance
Internal construction designed to perform in HDTV and
broadband frequencies.
All precision machined brass body with, gold pin, Teflon insulator
and heavy bright nickel plating on the body.
Part No.
Description
HBC310X075
BNC F/F HD Isolated 75
Panel Feed thru
Standard 5% tolerance 50 ohm and 75 ohm terminators also available. Ask for 310X054 (50 ohm) and 310X075. (75
ohm)
back to index
5


Similar Part No. - KCC1855F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KCC COOPER-KCC Datasheet
716Kb / 6P
   250V and 600V cable limiters
logo
Eaton All Rights Reserv...
KCC EATON-KCC Datasheet
1Mb / 5P
   250 V and 600 V cable limiters
logo
List of Unclassifed Man...
KCC-00 ETC2-KCC-00 Datasheet
328Kb / 2P
   AC/DC Power Supply
More results

Similar Description - KCC1855F

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
000-46650-75 AMPHENOL-000-46650-75 Datasheet
4Mb / 16P
   BNC Connectors
logo
List of Unclassifed Man...
F6-25B ETC2-F6-25B Datasheet
79Kb / 2P
   BNC to BNC Coax Cable Assemblies: Used in Serial Digital, Communication, HDTV, and Broadband Applications
logo
API Delevan
F6-15W API-F6-15W Datasheet
58Kb / 2P
   BNC to BNC Coax Cable Assemblies Used in Serial Digital, Communication, HDTV, and Broadband Applications
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
   BNC FEEDTHROUGH CONNECTORS
logo
DDK Ltd.
BNC DDK-BNC Datasheet
308Kb / 13P
   BNC Type Connectors
logo
Winchester Electronics ...
SBC1407B WINCHESTER-SBC1407B Datasheet
53Kb / 2P
   Standard BNC Connectors
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9000C GENNUM-GS9000C Datasheet
106Kb / 8P
   Serial Digital Decoder
GS9035A GENNUM-GS9035A Datasheet
239Kb / 14P
   Serial Digital Reclocker
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com