Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELXM451VSN271MR50S Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # ELXM451VSN271MR50S
Description  LXMSeries
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ELXM451VSN271MR50S Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  ELXM451VSN271MR50S Datasheet HTML 1Page - United Chemi-Con, Inc. ELXM451VSN271MR50S Datasheet HTML 2Page - United Chemi-Con, Inc. ELXM451VSN271MR50S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Long life snap-ins, 105
LXM
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(µF)
Case size
φD
×L(mm) tanδ
Rated ripple
current
(Arms/
105,120Hz)
Part No.
WV
(Vdc)
Cap
(µF)
Case size
φD
×L(mm) tanδ
Rated ripple
current
(Arms/
105,120Hz)
Part No.
350
100
120
120
150
150
180
180
180
220
220
220
270
270
330
330
330
390
390
470
470
560
680
68
82
100
100
120
120
150
150
150
180
180
180
220
220
270
270
270
330
330
390
390
470
560
22
×25
22
×30
25.4
×25
22
×35
25.4
×30
22
×40
25.4
×30
30
×25
22
×45
25.4
×35
30
×30
25.4
×40
30
×35
25.4
×45
30
×35
35
×30
30
×40
35
×35
30
×50
35
×40
35
×40
35
×50
22
×25
22
×30
22
×30
25.4
×25
22
×35
25.4
×30
22
×40
25.4
×30
30
×25
22
×45
25.4
×35
30
×30
25.4
×40
30
×35
25.4
×50
30
×40
35
×30
30
×45
35
×35
30
×50
35
×40
35
×45
35
×50
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.67
0.77
0.76
0.88
0.88
0.99
0.96
0.98
1.12
1.11
1.11
1.26
1.28
1.40
1.42
1.45
1.60
1.61
1.86
1.85
2.02
2.36
0.55
0.63
0.70
0.70
0.79
0.79
0.90
0.88
0.90
0.99
1.01
1.01
1.14
1.16
1.32
1.33
1.31
1.52
1.48
1.69
1.68
1.91
2.14
0.50
0.58
0.63
0.63
0.72
0.72
0.81
0.79
0.80
0.92
0.92
0.92
1.03
1.05
1.19
1.16
1.18
1.38
1.34
1.56
1.55
1.74
1.96
0.46
0.52
0.58
0.58
0.65
0.65
0.74
0.72
0.73
0.83
0.82
0.82
0.94
0.96
1.06
1.05
1.07
1.20
1.21
1.41
1.40
1.60
1.79
ELXM351VSN101MP25S
ELXM351VSN121MP30S
ELXM351VSN121MQ25S
ELXM351VSN151MP35S
ELXM351VSN151MQ30S
ELXM351VSN181MP40S
ELXM351VSN181MQ30S
ELXM351VSN181MR25S
ELXM351VSN221MP45S
ELXM351VSN221MQ35S
ELXM351VSN221MR30S
ELXM351VSN271MQ40S
ELXM351VSN271MR35S
ELXM351VSN331MQ45S
ELXM351VSN331MR35S
ELXM351VSN331MA30S
ELXM351VSN391MR40S
ELXM351VSN391MA35S
ELXM351VSN471MR50S
ELXM351VSN471MA40S
ELXM351VSN561MA40S
ELXM351VSN681MA50S
400
ELXM401VSN680MP25S
ELXM401VSN820MP30S
ELXM401VSN101MP30S
ELXM401VSN101MQ25S
ELXM401VSN121MP35S
ELXM401VSN121MQ30S
ELXM401VSN151MP40S
ELXM401VSN151MQ30S
ELXM401VSN151MR25S
ELXM401VSN181MP45S
ELXM401VSN181MQ35S
ELXM401VSN181MR30S
ELXM401VSN221MQ40S
ELXM401VSN221MR35S
ELXM401VSN271MQ50S
ELXM401VSN271MR40S
ELXM401VSN271MA30S
ELXM401VSN331MR45S
ELXM401VSN331MA35S
ELXM401VSN391MR50S
ELXM401VSN391MA40S
ELXM401VSN471MA45S
ELXM401VSN561MA50S
420
56
68
82
82
100
100
120
120
120
150
150
150
180
180
220
220
220
270
270
330
330
390
470
47
56
68
68
82
82
100
100
100
120
120
120
150
150
180
180
180
220
220
270
270
330
390
22
×25
22
×30
22
×30
25.4
×25
22
×35
25.4
×30
22
×40
25.4
×30
30
×25
22
×45
25.4
×35
30
×30
25.4
×40
30
×35
25.4
×50
30
×35
35
×30
30
×45
35
×35
30
×50
35
×40
35
×45
35
×50
22
×25
22
×30
22
×30
25.4
×25
22
×35
25.4
×30
22
×40
25.4
×30
30
×25
22
×45
25.4
×35
30
×30
25.4
×40
30
×35
25.4
×45
30
×35
35
×30
30
×40
35
×35
30
×50
35
×40
35
×45
35
×50
ELXM421VSN560MP25S
ELXM421VSN680MP30S
ELXM421VSN820MP30S
ELXM421VSN820MQ25S
ELXM421VSN101MP35S
ELXM421VSN101MQ30S
ELXM421VSN121MP40S
ELXM421VSN121MQ30S
ELXM421VSN121MR25S
ELXM421VSN151MP45S
ELXM421VSN151MQ35S
ELXM421VSN151MR30S
ELXM421VSN181MQ40S
ELXM421VSN181MR35S
ELXM421VSN221MQ50S
ELXM421VSN221MR35S
ELXM421VSN221MA30S
ELXM421VSN271MR45S
ELXM421VSN271MA35S
ELXM421VSN331MR50S
ELXM421VSN331MA40S
ELXM421VSN391MA45S
ELXM421VSN471MA50S
450
ELXM451VSN470MP25S
ELXM451VSN560MP30S
ELXM451VSN680MP30S
ELXM451VSN680MQ25S
ELXM451VSN820MP35S
ELXM451VSN820MQ30S
ELXM451VSN101MP40S
ELXM451VSN101MQ30S
ELXM451VSN101MR25S
ELXM451VSN121MP45S
ELXM451VSN121MQ35S
ELXM451VSN121MR30S
ELXM451VSN151MQ40S
ELXM451VSN151MR35S
ELXM451VSN181MQ45S
ELXM451VSN181MR35S
ELXM451VSN181MA30S
ELXM451VSN221MR40S
ELXM451VSN221MA35S
ELXM451VSN271MR50S
ELXM451VSN271MA40S
ELXM451VSN331MA45S
ELXM451VSN391MA50S
◆RATED RIPPLE CURRENT MULTIPLIERS
Frequency(Hz)
160 to 250Vdc
315 to 450Vdc
50
0.81
0.77
120
1.00
1.00
300
1.17
1.16
1k
1.32
1.30
10k
1.45
1.41
50k
1.50
1.43
Frequency Multipliers
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
245
CAT. No. E1001N
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - ELXM451VSN271MR50S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXM451VSN271MR50S CHEMI-CON-ELXM451VSN271MR50S Datasheet
67Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com