Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6132A2RTET Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6132A2RTET
Description  25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6132A2RTET Datasheet(HTML) 2 Page - Texas Instruments

  TPA6132A2RTET Datasheet HTML 1Page - Texas Instruments TPA6132A2RTET Datasheet HTML 2Page - Texas Instruments TPA6132A2RTET Datasheet HTML 3Page - Texas Instruments TPA6132A2RTET Datasheet HTML 4Page - Texas Instruments TPA6132A2RTET Datasheet HTML 5Page - Texas Instruments TPA6132A2RTET Datasheet HTML 6Page - Texas Instruments TPA6132A2RTET Datasheet HTML 7Page - Texas Instruments TPA6132A2RTET Datasheet HTML 8Page - Texas Instruments TPA6132A2RTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TPA6132A2
SLOS597A – DECEMBER 2008 – REVISED OCTOBER 2014
www.ti.com
Table of Contents
8.3
Feature Description................................................. 11
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 13
2
Applications ........................................................... 1
9
Application and Implementation ........................ 14
3
Description ............................................................. 1
9.1
Application Information............................................ 14
4
Simplified Schematic............................................. 1
9.2
Typical Applications ................................................ 14
5
Revision History..................................................... 2
10
Power Supply Recommendations ..................... 17
6
Pin Configuration and Functions ......................... 3
10.1
Power Supply and HPVDD Decoupling
7
Specifications......................................................... 4
Capacitors ................................................................ 17
7.1
Absolute Maximum Ratings ...................................... 4
11
Layout................................................................... 18
7.2
Handling Ratings ...................................................... 4
11.1
Layout Guidelines ................................................. 18
7.3
Recommended Operating Condtions........................ 4
11.2
Layout Example .................................................... 18
7.4
Thermal Information .................................................. 4
11.3
GND Connections ................................................. 18
7.5
Electrical Characteristics........................................... 5
12
Device and Documentation Support ................. 19
7.6
Operating Characteristics.......................................... 5
12.1
Trademarks ........................................................... 19
7.7
Typical Characteristics .............................................. 6
12.2
Electrostatic Discharge Caution ............................ 19
8
Detailed Description ............................................ 10
12.3
Glossary ................................................................ 19
8.1
Overview ................................................................. 10
13
Mechanical, Packaging, and Orderable
8.2
Functional Block Diagram ....................................... 10
Information ........................................................... 19
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (December 2008) to Revision A
Page
Added Handling Rating table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging sections. ........................................................................................................ 1
Added Input voltage: EN, G0, G1 to the Absolute Maximum Ratings table........................................................................... 4
Added Input voltage: INR+, INR-, INL+, INL- to the Recommended Operating Condtions table........................................... 4
Changed Output impedance in shutdown From: TYP = 50
Ω To: TYP = 20 Ω in the Operating Characteristics table......... 5
2
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: TPA6132A2


Similar Part No. - TPA6132A2RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6132A2RTET TI-TPA6132A2RTET Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results

Similar Description - TPA6132A2RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com