Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6203A1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPA6203A1
Description  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6203A1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA6203A1_17 Datasheet HTML 6Page - Texas Instruments TPA6203A1_17 Datasheet HTML 7Page - Texas Instruments TPA6203A1_17 Datasheet HTML 8Page - Texas Instruments TPA6203A1_17 Datasheet HTML 9Page - Texas Instruments TPA6203A1_17 Datasheet HTML 10Page - Texas Instruments TPA6203A1_17 Datasheet HTML 11Page - Texas Instruments TPA6203A1_17 Datasheet HTML 12Page - Texas Instruments TPA6203A1_17 Datasheet HTML 13Page - Texas Instruments TPA6203A1_17 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
_
+
VDD
VO+
VO-
GND
ToBattery
Cs
Bias
Circuitry
IN-
IN+
+
-
IN
SHUTDOWN
RI
RI
RF
RF
CI
CI
C(
)
BYPASS
(Optional)
_
+
VDD
VO+
VO-
GND
ToBattery
Cs
Bias
Circuitry
IN-
IN+
IN
SHUTDOWN
RI
RF
CI
CI
RI
RF
C(
)
BYPASS
(Optional)
Bypass Capacitor (CBYPASS) and Start-Up Time
Selecting Components
Resistors (RF and RI)
Gain = RF/RI
(1)
TPA6203A1
SLOS364F – MARCH 2002 – REVISED JUNE 2008.......................................................................................................................................................... www.ti.com
Figure 29. Differential Input Application Schematic Optimized With Input Capacitors
Figure 30. Single-Ended Input Application Schematic
The internal voltage divider at the BYPASS pin of this
device
sets
a
mid-supply
voltage
for
internal
references and sets the output common mode
The input (RI) and feedback resistors (RF) set the
voltage to VDD/2. Adding a capacitor to this pin filters
gain of the amplifier according to Equation 1.
any noise into this pin and increases the kSVR.
C(BYPASS)also determines the rise time of VO+ and VO-
when the device is taken out of shutdown. The larger
RF and RI should range from 1 kΩ to 100 kΩ. Most
the capacitor, the slower the rise time. Although the
graphs were taken with RF = RI = 20 kΩ.
output rise time depends on the bypass capacitor
Resistor matching is very important in fully differential
value, the device passes audio 4
µs after taken out of
amplifiers. The balance of the output on the reference
shutdown and the gain is slowly ramped up based on
voltage depends on matched ratios of the resistors.
C(BYPASS).
CMRR, PSRR, and the cancellation of the second
To minimize pops and clicks, design the circuit so the
harmonic distortion diminishes if resistor mismatch
impedance (resistance and capacitance) detected by
occurs. Therefore, it is recommended to use 1%
both inputs, IN+ and IN-, is equal.
tolerance resistors or better to keep the performance
optimized.
10
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): TPA6203A1


Similar Part No. - TPA6203A1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Similar Description - TPA6203A1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6205A1 TI1-TPA6205A1 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6203 UTC-PA6203_15 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com