Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6130A2RTJTG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6130A2RTJTG4
Description  138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6130A2RTJTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA6130A2RTJTG4 Datasheet HTML 6Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 7Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 8Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 9Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 10Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 11Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 12Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 13Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
20
100
1k
10k
20k
f - Frequency - Hz
P
= 200 mW
O
P
= 25 mW
O
1
0.01
0.1
0.001
P
= 100 mW
O
20
100
1k
10k
20k
f - Frequency - Hz
P
= 25 mW
O
P
= 5 mW
O
1
0.01
0.1
0.001
P
= 100 mW
O
20
100
1k
10k
20k
f - Frequency - Hz
P
= 70 mW
O
P
= 5 mW
O
1
0.01
0.1
0.001
P
= 35 mW
O
20
100
1k
10k
20k
f - Frequency - Hz
P
= 50 mW
O
P
= 5 mW
O
1
0.01
0.1
0.001
P
= 70 mW
O
20
100
1k
10k
20k
f - Frequency - Hz
P
= 1 mW
O
P
= 4 mW
O
1
0.01
0.1
0.001
P
= 20 mW
O
20
100
1k
10k
20k
f - Frequency - Hz
P
= 40 mW
O
P
= 5 mW
O
1
0.01
0.1
0.001
P
= 20 mW
O
TPA6130A2
SLOS488F – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
RL = 32 Ω
VDD = 2.5 V
Gain = 0.1 dB
RL = 32 Ω
VDD = 3 V
Gain = 0.1 dB
Stereo
Stereo
Figure 13. Total Harmonic Distortion + Noise vs Frequency
Figure 14. Total Harmonic Distortion + Noise vs Frequency
RL = 32 Ω
VDD = 3.6 V
Gain = 0.1 dB
RL = 32 Ω
VDD = 5 V
Gain = 0.1 dB
Stereo
Stereo
Figure 15. Total Harmonic Distortion + Noise vs Frequency
Figure 16. Total Harmonic Distortion + Noise vs Frequency
RL = 16 Ω
VDD = 2.5 V
Gain = 6.1 dB
RL = 16 Ω
VDD = 3.6 V
Gain = 6.1 dB
BTL
BTL
Figure 17. Total Harmonic Distortion + Noise vs Frequency
Figure 18. Total Harmonic Distortion + Noise vs Frequency
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPA6130A2


Similar Part No. - TPA6130A2RTJTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6130A2RTJTG4 TI-TPA6130A2RTJTG4 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJTG4 TI1-TPA6130A2RTJTG4 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
More results

Similar Description - TPA6130A2RTJTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com