Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6205A1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPA6205A1
Description  1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6205A1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA6205A1_17 Datasheet HTML 5Page - Texas Instruments TPA6205A1_17 Datasheet HTML 6Page - Texas Instruments TPA6205A1_17 Datasheet HTML 7Page - Texas Instruments TPA6205A1_17 Datasheet HTML 8Page - Texas Instruments TPA6205A1_17 Datasheet HTML 9Page - Texas Instruments TPA6205A1_17 Datasheet HTML 10Page - Texas Instruments TPA6205A1_17 Datasheet HTML 11Page - Texas Instruments TPA6205A1_17 Datasheet HTML 12Page - Texas Instruments TPA6205A1_17 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
C1
Frequency
217.41 Hz
C1 - Duty
20 %
C1 High
3.598 V
C1 Pk-Pk
504 mV
Ch1 100 mV/div
Ch4 10 mV/div
2 ms/div
t - Time - ms
VDD
VO
f - Frequency - Hz
0
-50
-100
0
200 400 600 800 1k 1.2k 1.4k 1.6k 1.8k 2k
-150
-150
-100
0
-50
VDD Shown in Figure 19
CI = 2 mF,
C(Bypass) = 0.47 F,
m
Inputs ac-Grounded
Gain = 1V/V
VDD = 3.6 V
CI = 2 mF
RL = 8 W
Inputs ac-Grounded
Gain = 1 V/V
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20 k
50 100 200
500 1 k 2 k
5 k 10 k
f - Frequency - Hz
C(Bypass) = 0.1 F
m
C(Bypass) = 0
C(Bypass) = 0.47 F
m
C(Bypass) = 1 F
m
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
2
3
4
5
VIC - Common Mode Input V oltage - V
f = 217 Hz
C(Bypass) = 0.47 F
m
RL = 8 W
Gain = 1 V/V
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20 k
50 100 200
500 1 k 2 k
5 k 10 k
f - Frequency - Hz
VDD =2. 5 V
VDD = 5 V
VDD = 3.6 V
CI = 2 F
m
RL = 8 W
Inputs Floating
Gain = 1 V/V
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20 k
50 100 200
500 1 k 2 k
5 k 10 k
f - Frequency - Hz
VDD = 3.6 V
VDD = 5 V
VDD =2. 5 V
Gain = 5 V/V
CI = 2 F
m
RL = 8 W
C(Bypass) = 0.47 F
m
Vp-p = 200 mV
Inputs ac-Grounded
SLOS490TPA6205A1
www.ti.com
SLOS490C – JULY 2006 – REVISED NOVEMBER 2015
Figure 15. Supply Voltage Rejection Ratio vs Frequency
Figure 16. Supply Voltage Rejection Ratio vs Frequency
Figure 18. Supply Voltage Rejection Ratio vs Common-
Figure 17. Supply Voltage Rejection Ratio vs Frequency
Mode Input Voltage
Figure 20. GSM Power Supply Rejection vs Frequency
Figure 19. GSM Power Supply Rejection vs Time
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SLOS490TPA6205A1


Similar Part No. - TPA6205A1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6205A1 TI-TPA6205A1_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
More results

Similar Description - TPA6205A1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6205A1 TI-TPA6205A1_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI-TPA6205A1 Datasheet
911Kb / 24P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI-TPA6205A1_07 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
SLOS490TPA6205A1 TI-SLOS490TPA6205A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
logo
Eutech Microelectronics...
EUA6205 EUTECH-EUA6205 Datasheet
551Kb / 13P
   1.25-W Mono Fully Differential Audio Power Amplifier with 1.8V Input Logic Thresholds
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com