Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0458020311 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0458020311
Description  1.20mm by 2.00mm Pitch HD Mezz Receptacle, 143 Circuits, 8.00mm Unmated Height, 11 Rows, Lead-Free
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0458020311 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0458020311_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0458020311_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
2.0A
Grounding to PCB
No
Voltage - Maximum
250V AC
Solder Process Data
Duration at Max. Process Temperature (seconds)
020
Lead-freeProcess Capability
REFLOW
Max. Cycles at Max. Process Temperature
002
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Electrical Model Document
EE-45802-0016
Product Specification
PS-45802-001-001
S-Parameter Model
SP-45802_45830
Sales Drawing
RSD-45802-0001, SD-45802-0001, SD-45802-0002
This document was generated on 04/26/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0458020311_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0458020311 MOLEX6-0458020311 Datasheet
514Kb / 5P
   1.20mm (.047") x 2.00mm (.079") Pitch HD Mezz Receptacle, 143 Circuits, 8.00mm (.315") Unmated Height
More results

Similar Description - 0458020311_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0458021211 MOLEX1-0458021211_17 Datasheet
31Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Receptacle, 143 Circuits, 18.00mm Unmated Height, 11 Rows, Lead-Free
0458020215 MOLEX1-0458020215_17 Datasheet
31Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Receptacle, 195 Circuits, 8.00mm Unmated Height, 15 Rows, Lead-Free
0458020227 MOLEX1-0458020227_17 Datasheet
31Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Receptacle, 351 Circuits, 8.00mm Unmated Height, 27 Rows, Lead-Free
0458020223 MOLEX1-0458020223_17 Datasheet
31Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Receptacle, 299 Circuits, 8.00mm Unmated Height, 23 Rows, Lead-Free
0458020293 MOLEX1-0458020293_17 Datasheet
32Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Receptacle, 195 Circuits, 8.00mm Unmated Height, 15 Rows, Lead-Free
0458020011 MOLEX6-0458020011 Datasheet
521Kb / 5P
   1.20mm (.047") x 2.00mm (.079") Pitch HD Mezz Receptacle, 143 Circuits, 8.00mm (.315") Unmated Height, 11 Rows, Tin-Lead
0458301111 MOLEX6-0458301111 Datasheet
503Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz Plug, 143 Circuits, 18.00mm (.709") Unmated Height, 11 Rows
0458021225 MOLEX1-0458021225_17 Datasheet
31Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Receptacle, 325 Circuits, 18.00mm Unmated Height, 25 Rows, Lead-Free
0458022207 MOLEX1-0458022207_17 Datasheet
31Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Receptacle, 91 Circuits, 10.00mm Unmated Height, 7 Rows, Lead-Free
0458021693 MOLEX1-0458021693_17 Datasheet
32Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz??Receptacle, 195 Circuits, 18.00mm Unmated Height, 15 Rows, Lead-Free
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com