Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0402FR-079K76L Datasheet(PDF) 3 Page - YAGEO Corporation

Part # AR0402FR-079K76L
Description  CHIP RESISTORS WITH NI/AU TERMINATIONS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AR0402FR-079K76L Datasheet(HTML) 3 Page - YAGEO Corporation

  AR0402FR-079K76L Datasheet HTML 1Page - YAGEO Corporation AR0402FR-079K76L Datasheet HTML 2Page - YAGEO Corporation AR0402FR-079K76L Datasheet HTML 3Page - YAGEO Corporation AR0402FR-079K76L Datasheet HTML 4Page - YAGEO Corporation AR0402FR-079K76L Datasheet HTML 5Page - YAGEO Corporation AR0402FR-079K76L Datasheet HTML 6Page - YAGEO Corporation AR0402FR-079K76L Datasheet HTML 7Page - YAGEO Corporation AR0402FR-079K76L Datasheet HTML 8Page - YAGEO Corporation AR0402FR-079K76L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec 23, 2008 V.7
Product specification
3
9
SERIES
AR
0402/0603/0805/1206 (RoHS Compliant)
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D oorrddeerriinngg ccooddeess
Both GLOBAL PART NUMBER (preferred) and 12NC (traditional) codes are acceptable to order Phycomp
brand products.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
Resistance decade (3)
Last digit
0.01 to 0.0976 X
0
0.1 to 0.976 X
7
1 to 9.76 X
8
10 to 97.6 X
9
100 to 976 X
1
1 to 9.76 KX
2
10 to 97.6 KX
3
100 to 976 KX
4
1 to 9.76 MX
5
10 to 97.6 MX
6
Example:
0.02 X =
0200 or 200
0.3 X
=
3007 or 307
1 X
=
1008 or 108
33 KX
=
3303 or 333
10 MX =
1006 or 106
Last digit of 12NC
(1) The resistors have a 12-digit ordering code starting with 2322.
(2) The subsequent 4 or 5 digits indicate the resistor tolerance and
packaging.
(3) The remaining 4 or 3 digits represent the resistance value with the
last digit indicating the multiplier as shown in the table of
“Last digit of 12NC”.
(4) "L" is optional symbol (Note).
ORDERING EXAMPLE
The ordering code of a RC22H resistor with gold terminations, value 56 X
with ±1% tolerance, supplied in tape of 5,000 units per reel is:
232270415609 (L) or AR0603FR-0756R(L).
NOTE
1. All our RSMD products are RoHS compliant. "LFP" of the internal 2D reel label mentions "Lead Free Process"
2. On customized label, "LFP" or specific symbol printed and the optional "L" at the end of GLOBAL PART
NUMBER / 12NC can be added (both are on customer request)
12NC CODE
2322
XXX XXXXX
(1)
(2)
(3)
PAPER/PE TAPE ON REEL (units) (2)
SIZE TYPE START
IN (1)
TOL.
(%)
RESISTANCE
RANGE
5,000
10,000
0402 RC31 2322
±5%
1 to 10 MΩ
-
705 12xxx
RC32 2322
±1%
1 to 10 MΩ
-
706 2xxxx
Jumper 2322
-
0 Ω
-
705 19001
0603 RC21 2322
±5%
1 to 10 MΩ
702 11xxx
-
RC22H 2322
±1%
1 to 10 MΩ
704 1xxxx
-
Jumper 2322
-
0 Ω
702 19001
-
0805 RC11 2322
±5%
1 to 10 MΩ
730 11xxx
-
RC12 2322
±1%
1 to 10 MΩ
734 1xxxx
-
Jumper 2322
-
0 Ω
730 19001
-
1206 RC01 2322
±5%
1 to 10 MΩ
711 11xxx
-
RC02H 2322
±1%
1 to 10 MΩ
729 1xxxx
-
Jumper 2322
-
0 Ω
711 19001
-


Similar Part No. - AR0402FR-079K76L

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
AR0400101 ALPHAWIRE-AR0400101 Datasheet
160Kb / 2P
   M12-A Female
AR0400105 ALPHAWIRE-AR0400105 Datasheet
160Kb / 2P
   M12-A Female
More results

Similar Description - AR0402FR-079K76L

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CTG201003ULM AAC-CTG201003ULM Datasheet
200Kb / 3P
   Chip Resistors - Tin / Gold Terminations Available
logo
Vishay Siliconix
RC VISHAY-RC Datasheet
77Kb / 3P
   Thick Film Chip Resistors, Alternate Terminations
Revision: 01-Oct-14
logo
IRC - a TT electronics ...
PFC-W0402RJ-01-1001-J IRCTT-PFC-W0402RJ-01-1001-J Datasheet
400Kb / 4P
   Gold Terminations Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CHF3020CBF BOURNS-CHF3020CBF Datasheet
125Kb / 1P
   Power RF Terminations / Resistors
CHF3020CBF500L BOURNS-CHF3020CBF500L Datasheet
125Kb / 1P
   Power RF Terminations / Resistors
logo
Anaren Microwave
RFP-050100-2X50-2 ANAREN-RFP-050100-2X50-2 Datasheet
496Kb / 2P
   Chip Terminations
logo
American Accurate Compo...
TCD-2008B50J-G AAC-TCD-2008B50J-G Datasheet
91Kb / 1P
   Chip Terminations
TCD-3020C50J-G AAC-TCD-3020C50J-G Datasheet
92Kb / 1P
   Chip Terminations
logo
Anaren Microwave
RFP-100200-4X50-2 ANAREN-RFP-100200-4X50-2 Datasheet
502Kb / 2P
   Chip Terminations
logo
List of Unclassifed Man...
CZ1 ETC2-CZ1 Datasheet
122Kb / 2P
   Surface Mount Chip Terminations
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com