Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUR2X30-40 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # HUR2X30-40
Description  Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

HUR2X30-40 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  HUR2X30-40 Datasheet HTML 1Page - Sirectifier Semiconductors HUR2X30-40 Datasheet HTML 2Page - Sirectifier Semiconductors HUR2X30-40 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HUR2x30-40
ADVANTAGES
* Avalanche voltage rated for reliable
operation
* Soft reverse recovery for low
EMI/RFI
* Low IRM reduces:
- Power dissipation within the diode
- Turn-on loss in the commutating
switch
APPLICATIONS
* Antiparallel diode for high frequency
switching devices
* Antisaturation diode
* Snubber diode
* Free wheeling diode in converters
and motor control circuits
* Rectifiers in switch mode power
supplies (SMPS)
* Inductive heating
* Uninterruptible power supplies (UPS)
* Ultrasonic cleaners and welders
FEATURES
* International standard package
miniBLOC
* Isolation voltage 2500 V~
* 2 independent FRED in 1
package
* Glass passivated chips
* Very short recovery time
* Extremely low switching losses
* Low IRM-values
* Soft recovery behaviour
Symbol
Test Conditions
Characteristic Values
typ.
max.
Unit
TVJ=25oC; VR=VRRM
TVJ=150oC; VR=VRRM
0.25
1
mA
IR
RthJC
RthCH
1.15
K/W
trr
IF=1A; -di/dt=200A/us; VR=30V; TVJ=25oC
ns
IRM
VR=100V; IF=50A; -diF/dt=100A/us; TVJ=100oC
6.8
A
IF=30A; TVJ=125oC
TVJ=25oC
1.15
1.45
V
VF
0.1
30
Soft Recovery Behaviour High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diodes
* RoHS compliant
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - HUR2X30-40

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HUR2X30-40 SIRECTIFIER-HUR2X30-40 Datasheet
267Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
More results

Similar Description - HUR2X30-40

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HUR2X30-100 SIRECTIFIER-HUR2X30-100_16 Datasheet
290Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR3060 SIRECTIFIER-HUR3060_16 Datasheet
257Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR2X30-30 SIRECTIFIER-HUR2X30-30_16 Datasheet
275Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR30100PT SIRECTIFIER-HUR30100PT_16 Datasheet
263Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR2X60-30 SIRECTIFIER-HUR2X60-30_16 Datasheet
283Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR1630CT SIRECTIFIER-HUR1630CT_16 Datasheet
290Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR2060CT SIRECTIFIER-HUR2060CT_16 Datasheet
292Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR3020CTS SIRECTIFIER-HUR3020CTS_16 Datasheet
257Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR30100 SIRECTIFIER-HUR30100_16 Datasheet
258Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR3030 SIRECTIFIER-HUR3030_16 Datasheet
256Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR6060PT SIRECTIFIER-HUR6060PT_16 Datasheet
265Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com