Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5954 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5954
Description  Multiple multifunction voltage regulator for car radio
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5954 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5954 Datasheet HTML 6Page - STMicroelectronics L5954 Datasheet HTML 7Page - STMicroelectronics L5954 Datasheet HTML 8Page - STMicroelectronics L5954 Datasheet HTML 9Page - STMicroelectronics L5954 Datasheet HTML 10Page - STMicroelectronics L5954 Datasheet HTML 11Page - STMicroelectronics L5954 Datasheet HTML 12Page - STMicroelectronics L5954 Datasheet HTML 13Page - STMicroelectronics L5954 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Functional description
L5954
10/15
Doc 17717 Rev 1
3
Functional description
The three high side drivers are a 2.0 A output (HSD1), and two 450 mA outputs (HSD2 and
3). The five regulator outputs are a 10 V at 350 mA (REG1), an 8.5 V at 175 mA (REG2), a
5 V at 350 mA (REG3), an 8 V/1 0V at 1 A (REG4), and 5 V at 250 mA (REG5). The
regulators are low dropout. The regulators will operate with output capacitors with ESR of
0.1
Ω to 5 Ω.
REG3 is referenced from the VREF input not the internal bandgap. This is done to minimize
the voltage offset between individual 5 V supplies.
The REG2 and REG3 outputs are turned on and off with the Enable input, a '1' turns the
outputs on and a '0' turns them off. When Enable is "1", the other outputs can be
independently controlled via the I2C bus. When a given regulator is turned off it must be
guaranteed to be lower than 0.2 V. The output voltage of REG4 is selected via bit 5 of the
I2C data byte: 8 V is the output voltage if bit5 = '0' while 10 V is the output voltage when
bit5 = '1'. When all outputs are turned off the total current draw must be minimized. I2C will
run at a clock speed range of 100 kHz to 400 kHz. This device should be capable of
operating at any frequency within this range.
3.1
Protection
The L5954 can survive under the following conditions: shorting the outputs to BAT and GND,
loss of BAT, loss of IC GND, double battery, ESD, 34V load dump. L5954 will not handle a
reverse battery condition. External components must be implemented for reverse battery
protection.
3.1.1
Thermal shutdown
REG1, REG2, REG3, REG4, REG5 outputs shutdown at 160 °C and return to normal
operation at 130 °C. The HSD2 and HSD3 shutdown at 160 °C and return to normal
operation at 130 °C. The HSD1 with go into thermal shutdown at 170 °C and returns to
operation at 120 °C.
3.1.2
Current limiting
Each voltage regulator will contain its own current protection.
3.1.3
Short circuit
If the outputs are short circuited, the IC will go into current limiting and eventually the
thermal shutdown will kick in. Current limiting will not disable the outputs.
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - L5954

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5951 STMICROELECTRONICS-L5951 Datasheet
119Kb / 13P
   TRIPLE OUTPUT MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO WITH IDR/CLASS 2 INTERFACE
L5952 STMICROELECTRONICS-L5952 Datasheet
145Kb / 15P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
L5953 STMICROELECTRONICS-L5953 Datasheet
217Kb / 24P
   MULTIPLE SWITCHING VOLTAGE REGULATOR
September 2003
L5953 STMICROELECTRONICS-L5953 Datasheet
378Kb / 31P
   Multiple switching voltage regulator
More results

Similar Description - L5954

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
   Multiple multifunction voltage regulator for car radio
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
   MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
   MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4953K STMICROELECTRONICS-L4953K Datasheet
56Kb / 8P
   MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5956 STMICROELECTRONICS-L5956_11 Datasheet
291Kb / 17P
   Multifunction voltage regulator for car radio
L5957 STMICROELECTRONICS-L5957 Datasheet
208Kb / 16P
   Multifunction voltage regulator for car radio
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
   Multifunction voltage regulator for car radio
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
   Multifunction voltage regulator for car radio
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
   MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com