Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALM-2812 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # ALM-2812
Description  Dual-Band (2.4-2.5) GHz & (4.9-6) GHz WLAN Low-Noise Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ALM-2812 Datasheet(HTML) 3 Page - Broadcom Corporation.

  ALM-2812 Datasheet HTML 1Page - Broadcom Corporation. ALM-2812 Datasheet HTML 2Page - Broadcom Corporation. ALM-2812 Datasheet HTML 3Page - Broadcom Corporation. ALM-2812 Datasheet HTML 4Page - Broadcom Corporation. ALM-2812 Datasheet HTML 5Page - Broadcom Corporation. ALM-2812 Datasheet HTML 6Page - Broadcom Corporation. ALM-2812 Datasheet HTML 7Page - Broadcom Corporation. ALM-2812 Datasheet HTML 8Page - Broadcom Corporation. ALM-2812 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Electrical Specifications[7,8]
TA = 25 *C, DC bias for RF parameter is Vds = 3.3V (unless otherwise specified)
2.4 to 2.5 GHz Band
Parameter and Test Condition
Symbol
Units
Production
Min [7,8]
2.45GHz (Typ.)
25 Deg
Production
Max [7,8]
Gain
G
dB
15
16.7
18.5
Noise Figure
NF
dB
-
0.8
1.5
Gain Flatness
Gf
dB
0.1
Input 1dB Compressed Power
IP1dB
dBm
- 5.8
Input 3rd Order Intercept Point
IIP3
dBm
6.1
Input Return Loss
S11
dB
- 10.4
Output Return Loss
S22
dB
- 16.8
Rejection, out-of-band (refer to the mid-band level
(2.45GHz)
1 GHz
dB
26
1.75 GHz
dB
7.8
2 GHz
dB
4.2
3.2 GHz
dB
8.5
4 GHz
dB
24.6
Supply Current
Ids
mA
11
15
21
Shutdown Current @ V_LNA_24_ON = 0V
Ish
uA
1.5
Supply Voltage
Vds
V
3.3
4.9 to 6 GHz Band
Parameter and Test Condition
Symbol
Units
Production
Min [7,8]
5.5 GHz (Typ.)
25 Deg
Production
Max [7,8]
Gain
G
dB
21
23.2
25
Noise Figure
NF
dB
-
1.4
1.9
Gain Flatness
Gf
dB
0.3
Input 1dB Compressed Power
IP1dB
dBm
- 12.8
Input 3rd Order Intercept Point [1,2]
IIP3
dBm
- 2.2
Input Return Loss
S11
dB
- 6.1
Output Return Loss
S22
dB
- 11.5
Rejection, out-of-band (refer to the mid-band level (5.5
GHz)
3.7 GHz
dB
12.7
7.5 GHz
dB
7
Supply Current
Ids
mA
19
23.4
31
Shutdown Current @ V_LNA_ON_52 = 0V
Ish
uA
2
Supply Voltage
Vds
V
3.3
Notes:
7. The parameters with an indicated Production Limit (Production Min and Production Max) are tested at our production final test with no
guardbanding. Production Limits are tighter than Customer Limits to serve as a guardband to guarantee the Customer Limits. Customer Limits
will have the following guardband: Gain =±0.5dB, NF=±0.2dB, Ids=±1mA
8. Production Limits are subject to change with customer consensus and approval. Pricing is subject to change based on yield impact.


Similar Part No. - ALM-2812

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2812 AVAGO-ALM-2812 Datasheet
156Kb / 10P
   Dual-Band (2.4-2.5) GHz (4.9-6) GHz WLAN Low-Noise Amplifier
logo
Broadcom Corporation.
ALM-2812 BOARDCOM-ALM-2812 Datasheet
92Kb / 3P
   Reliability Prediction Model
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2812 AVAGO-ALM-2812 Datasheet
92Kb / 3P
   Avago Technologies??ALM-2812 is a dual band low noise amplifier
ALM-2812-BLKG AVAGO-ALM-2812-BLKG Datasheet
156Kb / 10P
   Dual-Band (2.4-2.5) GHz (4.9-6) GHz WLAN Low-Noise Amplifier
ALM-2812-TR1G AVAGO-ALM-2812-TR1G Datasheet
156Kb / 10P
   Dual-Band (2.4-2.5) GHz (4.9-6) GHz WLAN Low-Noise Amplifier
More results

Similar Description - ALM-2812

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2812-BLKG AVAGO-ALM-2812-BLKG Datasheet
156Kb / 10P
   Dual-Band (2.4-2.5) GHz (4.9-6) GHz WLAN Low-Noise Amplifier
logo
Broadcom Corporation.
DEMO-ALM-2X12 BOARDCOM-DEMO-ALM-2X12 Datasheet
156Kb / 10P
   Dual-Band (2.4-2.5) GHz & (4.9-6) GHz WLAN Low-Noise Amplifier
logo
Microchip Technology
SST12LN01 MICROCHIP-SST12LN01 Datasheet
227Kb / 12P
   2.4-2.5 GHz WLAN Low-Noise Amplifier
2015
logo
Silicon Storage Technol...
SST13LP01 SST-SST13LP01 Datasheet
376Kb / 27P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02 SST-SST13LP02 Datasheet
632Kb / 25P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
logo
Microchip Technology
SST13LP05 MICROCHIP-SST13LP05 Datasheet
424Kb / 24P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
2012
logo
Silicon Storage Technol...
SST13LP05 SST-SST13LP05 Datasheet
945Kb / 24P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
logo
Fairchild Semiconductor
FMPA2151 FAIRCHILD-FMPA2151 Datasheet
462Kb / 4P
   2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65152-11 SKYWORKS-SKY65152-11 Datasheet
206Kb / 14P
   2.4-2.5 GHz WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com