Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALM-11236 Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # ALM-11236
Description  Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ALM-11236 Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button ALM-11236 Datasheet HTML 3Page - Broadcom Corporation. ALM-11236 Datasheet HTML 4Page - Broadcom Corporation. ALM-11236 Datasheet HTML 5Page - Broadcom Corporation. ALM-11236 Datasheet HTML 6Page - Broadcom Corporation. ALM-11236 Datasheet HTML 7Page - Broadcom Corporation. ALM-11236 Datasheet HTML 8Page - Broadcom Corporation. ALM-11236 Datasheet HTML 9Page - Broadcom Corporation. ALM-11236 Datasheet HTML 10Page - Broadcom Corporation. ALM-11236 Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
1.71
1.73
1.75
1.77
1.79
1.81
1.83
1.85
Frequency (GHz)
1.71
1.73
1.75
1.77
1.79
1.81
1.83
1.85
Frequency (GHz)
1.71
1.73
1.75
1.77
1.79
1.81
1.83
1.85
Frequency (GHz)
1.71
1.73
1.75
1.77
1.79
1.81
1.83
1.85
Frequency (GHz)
1.71
1.73
1.75
1.77
1.79
1.81
1.83
1.85
Frequency (GHz)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
-1.2
-1.1
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-35
-30
-25
-20
-15
-10
-5
0
-35
-30
-25
-20
-15
-10
-5
0
-70
-65
-60
-55
-50
-45
-40
-35
-30
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
Figure 15. IP1dB vs Frequency
Figure 16. Bypass IL vs Frequency
Figure 17. Bypass S11 vs Frequency
Figure 18. Bypass S22 vs Frequency
Figure 19. Bypass isolation vs Frequency (LNA mode)


Similar Part No. - ALM-11236

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11236 AVAGO-ALM-11236 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11236-BLKG AVAGO-ALM-11236-BLKG Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11236-TR1G AVAGO-ALM-11236-TR1G Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11236 AVAGO-ALM-11236_15 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module
More results

Similar Description - ALM-11236

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11036 AVAGO-ALM-11036_15 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
ALM-11136 BOARDCOM-ALM-11136 Datasheet
414Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11136 AVAGO-ALM-11136 Datasheet
414Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11236 AVAGO-ALM-11236 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11336 AVAGO-ALM-11336 Datasheet
398Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
DEMO-ALM-11X36 BOARDCOM-DEMO-ALM-11X36 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11036 AVAGO-ALM-11036 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
ALM-11036 BOARDCOM-ALM-11036 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11336 BOARDCOM-ALM-11336 Datasheet
391Kb / 12P
   1850 MHz ??1980 MHz Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11136 AVAGO-ALM-11136_15 Datasheet
414Kb / 12P
   Fail-Safe Bypass Feature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com