Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALM-11236 Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # ALM-11236
Description  Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ALM-11236 Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button ALM-11236 Datasheet HTML 4Page - Broadcom Corporation. ALM-11236 Datasheet HTML 5Page - Broadcom Corporation. ALM-11236 Datasheet HTML 6Page - Broadcom Corporation. ALM-11236 Datasheet HTML 7Page - Broadcom Corporation. ALM-11236 Datasheet HTML 8Page - Broadcom Corporation. ALM-11236 Datasheet HTML 9Page - Broadcom Corporation. ALM-11236 Datasheet HTML 10Page - Broadcom Corporation. ALM-11236 Datasheet HTML 11Page - Broadcom Corporation. ALM-11236 Datasheet HTML 12Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Typical Scattering Parameters, Vdd = 5 V, Idd = 99 mA
LNA SPAR (100 MHz – 20 GHz)
Freq
(GHz)
S11
(dB)
S11
(ang)
S21
(dB)
S21
(ang)
S12
(dB)
S12
(ang)
S22
(dB)
S22
(ang)
0.1
-3.25
-107.27
-23.21
-79.05
-22.71
-83.91
-1.16
-65.01
0.5
-3.00
-169.55
-11.32
-88.29
-10.54
-79.80
-5.26
-170.06
1
-4.24
140.37
-12.52
147.68
-12.20
149.76
-7.02
119.52
1.5
-12.31
48.40
12.40
-37.49
-36.01
-46.99
-10.56
161.54
1.6
-16.97
65.15
15.44
-128.51
-34.00
-136.60
-25.65
11.73
1.7
-24.07
79.01
15.94
162.18
-31.68
157.19
-27.03
-148.51
1.72
-25.53
90.10
15.94
150.13
-31.32
146.21
-26.64
-148.30
1.74
-26.23
104.40
15.92
138.54
-31.04
135.63
-25.93
-144.76
1.76
-26.14
119.48
15.88
127.32
-30.78
125.75
-24.72
-141.40
1.78
-25.51
131.31
15.82
116.42
-30.57
115.93
-23.13
-140.89
1.80
-24.77
139.58
15.77
105.87
-30.40
106.49
-21.62
-142.37
1.82
-24.18
144.53
15.70
95.58
-30.24
97.60
-20.37
-145.83
1.84
-23.71
147.79
15.63
85.55
-30.11
88.69
-19.36
-151.26
1.86
-23.44
151.28
15.55
75.76
-29.98
79.99
-18.62
-157.63
1.88
-23.33
155.76
15.48
66.17
-29.90
71.62
-18.02
-164.51
1.90
-23.41
161.23
15.41
56.71
-29.81
63.13
-17.65
-171.55
1.92
-23.59
167.76
15.34
47.39
-29.71
54.92
-17.59
-178.29
1.94
-23.59
175.53
15.27
38.18
-29.64
46.64
-17.84
175.32
1.96
-23.18
-176.41
15.21
29.02
-29.56
38.56
-18.44
168.54
1.98
-22.22
-168.72
15.14
19.89
-29.48
30.36
-19.45
161.59
2
-20.96
-162.17
15.07
10.72
-29.40
21.97
-20.99
155.47
2.5
-15.00
162.88
6.07
162.87
-34.37
-156.98
-3.73
114.98
3
-10.85
-154.58
-9.49
22.90
-43.57
128.72
-1.97
-78.44
3.5
-6.81
-166.19
-23.86
-50.01
-47.26
107.79
-1.36
-158.06
4
-5.38
-179.92
-33.62
-105.76
-48.74
93.11
-1.52
149.58
4.5
-5.20
167.33
-42.09
154.80
-39.86
71.68
-1.80
99.28
5
-5.49
151.70
-37.16
0.38
-35.36
-9.63
-2.32
47.18
5.5
-6.50
138.34
-39.64
-74.83
-39.79
-15.82
-2.65
-24.58
6
-9.04
138.64
-36.13
-123.84
-28.33
-59.33
-2.46
-112.48
7
-0.87
133.48
-35.53
82.60
-30.74
56.93
-1.19
138.77
8
-0.72
98.99
-32.61
14.23
-33.29
10.82
-0.91
81.55
9
-1.08
75.89
-42.13
-63.92
-46.94
-78.34
-0.84
24.04
10
-2.94
40.90
-32.76
-28.80
-30.96
-21.81
-1.01
-12.07
11
-8.17
56.49
-31.07
-138.74
-29.87
-166.30
-1.97
-40.53
12
-5.11
5.66
-27.00
95.32
-27.61
92.07
-2.41
-68.06
13
-4.98
-12.88
-22.34
-34.76
-21.84
-29.64
-2.19
-96.12
14
-4.67
-42.69
-27.80
176.43
-27.00
-169.90
-2.02
-124.43
15
-20.78
-13.30
-26.22
-120.01
-27.34
-125.25
-3.33
-164.81
16
-11.64
25.55
-24.57
76.02
-23.99
75.45
-7.91
20.18
17
-6.43
-45.98
-18.99
4.64
-18.62
3.85
-4.86
-95.73
18
-6.65
-74.39
-28.60
-111.22
-27.51
-115.30
-11.29
-153.90
19
-2.22
-90.91
-28.40
-103.98
-28.35
-105.75
-3.64
-129.24
20
-4.95
-112.35
-15.78
168.58
-15.77
168.73
-10.94
-140.02


Similar Part No. - ALM-11236

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11236 AVAGO-ALM-11236 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11236-BLKG AVAGO-ALM-11236-BLKG Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11236-TR1G AVAGO-ALM-11236-TR1G Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11236 AVAGO-ALM-11236_15 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module
More results

Similar Description - ALM-11236

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11036 AVAGO-ALM-11036_15 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
ALM-11136 BOARDCOM-ALM-11136 Datasheet
414Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11136 AVAGO-ALM-11136 Datasheet
414Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11236 AVAGO-ALM-11236 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11336 AVAGO-ALM-11336 Datasheet
398Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
DEMO-ALM-11X36 BOARDCOM-DEMO-ALM-11X36 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11036 AVAGO-ALM-11036 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
ALM-11036 BOARDCOM-ALM-11036 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11336 BOARDCOM-ALM-11336 Datasheet
391Kb / 12P
   1850 MHz ??1980 MHz Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11136 AVAGO-ALM-11136_15 Datasheet
414Kb / 12P
   Fail-Safe Bypass Feature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com