Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQFP144 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LQFP144
Description  Up to 60 DMIPs operation
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP144 Datasheet(HTML) 3 Page - STMicroelectronics

  LQFP144 Datasheet HTML 1Page - STMicroelectronics LQFP144 Datasheet HTML 2Page - STMicroelectronics LQFP144 Datasheet HTML 3Page - STMicroelectronics LQFP144 Datasheet HTML 4Page - STMicroelectronics LQFP144 Datasheet HTML 5Page - STMicroelectronics LQFP144 Datasheet HTML 6Page - STMicroelectronics LQFP144 Datasheet HTML 7Page - STMicroelectronics LQFP144 Datasheet HTML 8Page - STMicroelectronics LQFP144 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 116 page
background image
DocID14619 Rev 13
3/116
SPC560B40x/50x, SPC560C40x/50x
Contents
4
3.16
RESET electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
3.17
Power management electrical characteristics . . . . . . . . . . . . . . . . . . . . . 60
3.17.1
Voltage regulator electrical characteristics . . . . . . . . . . . . . . . . . . . . . . 60
3.17.2
Low voltage detector electrical characteristics . . . . . . . . . . . . . . . . . . . 65
3.18
Power consumption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
3.19
Flash memory electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 68
3.19.1
Program/Erase characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
3.19.2
Flash power supply DC characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 69
3.19.3
Start-up/Switch-off timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
3.20
Electromagnetic compatibility (EMC) characteristics . . . . . . . . . . . . . . . . 70
3.20.1
Designing hardened software to avoid noise problems . . . . . . . . . . . . . 70
3.20.2
Electromagnetic interference (EMI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
3.20.3
Absolute maximum ratings (electrical sensitivity) . . . . . . . . . . . . . . . . . 71
3.21
Fast external crystal oscillator (4 to 16 MHz) electrical characteristics . . 72
3.22
Slow external crystal oscillator (32 kHz) electrical characteristics . . . . . . 75
3.23
FMPLL electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
3.24
Fast internal RC oscillator (16 MHz) electrical characteristics . . . . . . . . . 78
3.25
Slow internal RC oscillator (128 kHz) electrical characteristics . . . . . . . . 79
3.26
ADC electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
3.26.1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
3.26.2
Input impedance and ADC accuracy . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
3.26.3
ADC electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
3.27
On-chip peripherals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
3.27.1
Current consumption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
3.27.2
DSPI characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
3.27.3
Nexus characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
3.27.4
JTAG characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 98
4
Package characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99
4.1
ECOPACK® . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99
4.2
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99
4.2.1
LQFP64 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99
4.2.2
LQFP100 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101
4.2.3
LQFP144 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102
4.2.4
LBGA208 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 104


Similar Part No. - LQFP144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LQFP144 NXP-LQFP144 Datasheet
2Mb / 153P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 4-26 March 2013
LQFP144 NXP-LQFP144 Datasheet
2Mb / 149P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 6.1-7 February 2013
logo
STMicroelectronics
LQFP144 STMICROELECTRONICS-LQFP144 Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
LQFP144 STMICROELECTRONICS-LQFP144 Datasheet
2Mb / 133P
   Variable length encoding
January 2016 Rev 9
LQFP144 STMICROELECTRONICS-LQFP144 Datasheet
988Kb / 112P
   Fail safe protection
September 2013 Rev 9
More results

Similar Description - LQFP144

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1693 ETC2-1693 Datasheet
2Mb / 3P
   Up to 60 A output current
logo
Peregrine Semiconductor
PE426525 PSEMI-PE426525 Datasheet
271Kb / 13P
   Wideband support up to 60 GHz
logo
Lumics GmbH
LU09XXT090 LUMICS-LU09XXT090 Datasheet
554Kb / 2P
   Industrial Laser Diode Up to 9W Operation Power
2020-10-20
logo
PHOENIX CONTACT
2702255 PHOENIX-2702255 Datasheet
245Kb / 6P
   Up to 15.3 Mbps in 2-wire operation
logo
STMicroelectronics
SPC564BXX STMICROELECTRONICS-SPC564BXX Datasheet
2Mb / 123P
   Up to 80 MHz and 75 MIPs operation
March 2016 Rev 9
logo
Renesas Technology Corp
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
logo
Molex Electronics Ltd.
0011219757 MOLEX11-0011219757 Datasheet
505Kb / 15P
   OPERATION & SET-UP MANUAL
logo
Lumics GmbH
LU0808T020-RI LUMICS-LU0808T020-RI Datasheet
261Kb / 2P
   Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU1064T070 LUMICS-LU1064T070 Datasheet
261Kb / 2P
   Industrial Laser Diode Up to 7w Operation Power @ 1064nm
2018-06-14
LU0808T020 LUMICS-LU0808T020 Datasheet
264Kb / 2P
   Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com