Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC564A80B4 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 5Page - STMicroelectronics SPC564A80B4 Datasheet HTML 6Page - STMicroelectronics SPC564A80B4 Datasheet HTML 7Page - STMicroelectronics SPC564A80B4 Datasheet HTML 8Page - STMicroelectronics SPC564A80B4 Datasheet HTML 9Page - STMicroelectronics SPC564A80B4 Datasheet HTML 10Page - STMicroelectronics SPC564A80B4 Datasheet HTML 11Page - STMicroelectronics SPC564A80B4 Datasheet HTML 12Page - STMicroelectronics SPC564A80B4 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Introduction
Doc ID 15399 Rev 9
9/157
1.3
Device comparison
Table 2 summarizes the SPC564A80 and compares it to the SPC563M64.
Table 2.
SPC564A80, SPC563M64 and SPC564A70 comparison
Feature
SPC564A80
SPC563M64
SPC564A70
Process
90 nm
Core
e200z4
e200z3
e200z4
SIMD
Yes
VLE
Yes
Cache
8 KB instruction
No
8 KB instruction
Non-Maskable Interrupt (NMI)
NMI & Critical Interrupt
MMU
24 entry
16 entry
24 entry
MPU
16 entry
No
16 entry
Crossbar switch
5
 43  44  4
Core performance
0–150 MHz
0–80 MHz
0–150 MHz
Windowing software watchdog
Yes
Core Nexus
Class 3+
Class 2+
Class 3+
SRAM
192 KB
94 KB
128 KB
Flash
4 MB
1.5 MB
2 MB
Flash fetch accelerator
4
 256-bit
4
 128-bit
External bus
16-bit (incl 32-bit muxed)
None
Calibration bus
16-bit (incl 32-bit muxed)
16-bit
16-bit (incl 32-bit
muxed)
DMA
64 ch.
32 ch.
64 ch.
DMA Nexus
None
Serial
3
2
3
eSCI_A
Yes (MSC Uplink)
eSCI_B
Yes (MSC Uplink)
eSCI_C
Yes
No
Yes
CAN
3
2
3
CAN_A
64 buf
CAN_B
64 buf
No
64 buf
CAN_C
64 buf
32 buf
64 buf
SPI
3
2
3


Similar Part No. - SPC564A80B4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC564A80CAL176 STMICROELECTRONICS-SPC564A80CAL176 Datasheet
152Kb / 6P
   SPC564Axx microcontroller family calibration and emulation system
More results

Similar Description - SPC564A80B4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC564A70B4 STMICROELECTRONICS-SPC564A70B4 Datasheet
984Kb / 133P
   Up to 4 multiply and accumulate operations per cycle
September 2013 Rev 4
logo
Panasonic Semiconductor
MN103SB9 PANASONIC-MN103SB9_09 Datasheet
338Kb / 3P
   Multiply and accumulate arithmetic. Multiplication. Saturated arithmetic
MN103SC6 PANASONIC-MN103SC6 Datasheet
330Kb / 3P
   Multiply and accumulate arithmetic. Multiplication. Saturated arithmetic
logo
Grayhill, Inc
61L515-N0-040C GRAYHILL-61L515-N0-040C Datasheet
160Kb / 2P
   Full Quadrature Cycle Per Detent
logo
Coolgear Inc.
U2CHGRHUB20 COOLGEAR-U2CHGRHUB20 Datasheet
683Kb / 2P
   Charge and Sync, provides up to 2.4Amps per port
Rev 01.200714
logo
Hamamatsu Corporation
EMX2C9100-23B HAMAMATSU-EMX2C9100-23B Datasheet
585Kb / 8P
   Multiply faster
logo
ATMEL Corporation
AT89LP4052 ATMEL-AT89LP4052_14 Datasheet
1Mb / 94P
   Single Clock Cycle per Byte Fetch
logo
Honeywell Solid State E...
HMR3000 HONEYWELL-HMR3000_16 Datasheet
446Kb / 7P
   Up to 20 Updates per Second
logo
C&K Components
F4UEEAU CK-COMPONENTS-F4UEEAU Datasheet
440Kb / 10P
   Up to 10 poles per module
logo
STMicroelectronics
STEVAL-ILL035V1 STMICROELECTRONICS-STEVAL-ILL035V1 Datasheet
256Kb / 6P
   Up to 15 white LEDs per channel
June 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com