Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC564BXX Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPC564BXX
Description  Up to 80 MHz and 75 MIPs operation
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564BXX Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPC564BXX Datasheet HTML 5Page - STMicroelectronics SPC564BXX Datasheet HTML 6Page - STMicroelectronics SPC564BXX Datasheet HTML 7Page - STMicroelectronics SPC564BXX Datasheet HTML 8Page - STMicroelectronics SPC564BXX Datasheet HTML 9Page - STMicroelectronics SPC564BXX Datasheet HTML 10Page - STMicroelectronics SPC564BXX Datasheet HTML 11Page - STMicroelectronics SPC564BXX Datasheet HTML 12Page - STMicroelectronics SPC564BXX Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 123 page
background image
DocID17478 Rev 9
9/123
SPC564Bxx-SPC56ECxx
Introduction
122
1
Introduction
1.1
Document Overview
This document describes the features of the family and options available within the family
members, and highlights important electrical and physical characteristics of the SPC564Bxx
and SPC56ECxx device. To ensure a complete understanding of the device functionality,
refer also to the SPC564Bxx and SPC56ECxx Reference Manual.
1.2
Description
The SPC564Bxx and SPC56ECxx is a new family of next generation microcontrollers built
on the Power Architecture embedded category. This document describes the features of the
family and options available within the family members, and highlights important electrical
and physical characteristics of the device.
The SPC564Bxx and SPC56ECxx family expands the range of the SPC560B
microcontroller family. It provides the scalability needed to implement platform approaches
and delivers the performance required by increasingly sophisticated software architectures.
The advanced and cost-efficient host processor core of the SPC564Bxx and SPC56ECxx
automotive controller family complies with the Power Architecture embedded category,
which is 100 percent user-mode compatible with the original Power Architecture user
instruction set architecture (UISA). It operates at speeds of up to 120 MHz and offers high
performance processing optimized for low power consumption. It also capitalizes on the
available development infrastructure of current Power Architecture devices and is supported
with software drivers, operating systems and configuration code to assist with users
implementations.


Similar Part No. - SPC564BXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC564BXX STMICROELECTRONICS-SPC564BXX Datasheet
1Mb / 118P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
December 2011 Rev 4
More results

Similar Description - SPC564BXX

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56F803BU80 FREESCALE-DSP56F803BU80 Datasheet
344Kb / 52P
   Up to 40 MIPS at 80MHz core frequency
logo
STMicroelectronics
SPC560B40X STMICROELECTRONICS-SPC560B40X Datasheet
2Mb / 116P
   Up to 60 DMIPs operation
February 2015 Rev 13
logo
Freescale Semiconductor...
K20P100M100SF2 FREESCALE-K20P100M100SF2 Datasheet
1Mb / 65P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K30P121M100SF2 FREESCALE-K30P121M100SF2 Datasheet
1Mb / 61P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P121M100SF2 FREESCALE-K50P121M100SF2 Datasheet
1Mb / 69P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P144M100SF2 FREESCALE-K50P144M100SF2 Datasheet
1Mb / 73P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K40P144M100SF2 FREESCALE-K40P144M100SF2_11 Datasheet
1Mb / 75P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K10P121M100SF2 FREESCALE-K10P121M100SF2 Datasheet
1Mb / 63P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K40P100M100SF2 FREESCALE-K40P100M100SF2 Datasheet
1Mb / 63P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K51P121M100SF2 FREESCALE-K51P121M100SF2 Datasheet
1Mb / 70P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com