Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1L-1209HLF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # SM1L-1209HLF
Description  SM1L LF Series 1W Isolated DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SM1L-1209HLF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  SM1L-1209HLF Datasheet HTML 1Page - Bothhand USA, LP. SM1L-1209HLF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
Lead Frame & Injection Technology
High Efficiency Up to 83%
Input / Output Isolation 1K Vdc Or 3K Vdc(H)
100% Burn-In
Un-Regulated type
Net Weight : 1.6 g / 2.1 g
Typical
Custom Design Available
Technical Specification(1/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
1) Single Output Series
SM1L-053R3(H) LF
3.3
200
22
171
60
± 12
77
SM1L-0505(H) LF
5
200
25
246
60
± 10
81
SM1L-0509(H) LF
9
110
23
254
80
± 10
78
SM1L-0512(H) LF
12
84
25
252
100
± 8
80
SM1L-0515(H) LF
5
15
67
28
248
120
± 8
81
SM1L-123R3(H) LF
3.3
200
12
73
60
± 12
75
SM1L-1205(H) LF
5
200
15
100
60
± 8
81
SM1L-1209(H) LF
9
110
15
105
80
± 8
78
SM1L-1212(H) LF
12
84
15
103
100
± 6
81
SM1L-1215(H) LF
12
15
67
14
100
120
± 6
83
SM1L-243R3(H) LF
3.3
200
6
44
60
± 8
67
SM1L-2405(H) LF
5
200
7
63
60
± 5
71
SM1L-2409(H) LF
9
110
6
60
80
± 5
73
SM1L-2412(H) LF
12
84
8
58
100
± 5
76
SM1L-2415(H) LF
24
15
67
8
58
120
± 5
77
Mechanical Dimensions (1/2):
Single Output Series (For Isolation Voltage 1KVdc)
Single Output Series (For Isolation Voltage 3KVdc)
Pin
1KVdc - Single
Pin
1
-Vin
NC
14
3
+Vin
12
5
No Pin
No Pin
10
7
-Vo
+Vo
8
Pin
3KVdc - Single
Pin
1
-Vin
N.C.
18
3
+Vin
No Pin
16
5
No Pin
No Pin
14
7
-Vo
+Vo
12
9
NC
No Pin
10
12.80
[0.50]
0°~10°
2.05 Max
[0.08]
8.40
[0.33]
9.90
[0.39]
2.54
[0.10]
5.10
[0.20]
2.05
[0.08]
7.40
[0.29]
7.90
[0.31]
SM1L-0505 LF
XXXXM
Units: mm (inch)
Tolerance: .xx ±0.25
7.62
[0.30]
12.50
[0.49]
0.50
[0.02]
2.54
[0.10]
0°~10°
2.05Max
[0.08]
10.16
[0.40]
8.60
[0.34]
12.70
[0.50]
7.40
[0.29]
5.10
[0.20]
2.05
[0.08]
8.10
[0.32]
15.40
[0.61]
SM1L-0505H LF
XXXXM
Units: mm (inch)
Tolerance: .xx ±0.25
10.10
[0.40]
0.50
[0.02]
SM1L LF Series
1W Isolated DC/DC Converter
Bothhand USA
http://www.bothhandusa.com
sales@bothhandusa.com


Similar Part No. - SM1L-1209HLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SM1L-1209(H)LF BOTHHAND-SM1L-1209(H)LF Datasheet
187Kb / 2P
   1W Isolated DC/DC Converter
More results

Similar Description - SM1L-1209HLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SM1LF BOTHHAND-SM1LF Datasheet
178Kb / 2P
   SM1 LF Series 1W Isolated DC/DC Converter
SM1L-LF-SERIES BOTHHAND-SM1L-LF-SERIES Datasheet
187Kb / 2P
   1W Isolated DC/DC Converter
ST1-LF-SERIES BOTHHAND-ST1-LF-SERIES Datasheet
186Kb / 2P
   1W Isolated DC/DC Converter
B1LF BOTHHAND-B1LF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
ST1L-LF-SERIES BOTHHAND-ST1L-LF-SERIES Datasheet
179Kb / 2P
   1W Isolated DC/DC Converter
SM1-LF-SERIES BOTHHAND-SM1-LF-SERIES Datasheet
178Kb / 2P
   1W Isolated DC/DC Converter
B1-LF-SERIES BOTHHAND-B1-LF-SERIES Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
BALF BOTHHAND-BALF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
BA-LF-SERIES BOTHHAND-BA-LF-SERIES Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
logo
Microdc power Technolog...
NTA-X MICRODC-NTA-X Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUT SMD DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com