Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10RIA40 Datasheet(PDF) 2 Page - International Rectifier

Part # 10RIA40
Description  MEDIUM POWER THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10RIA40 Datasheet(HTML) 2 Page - International Rectifier

  10RIA40 Datasheet HTML 1Page - International Rectifier 10RIA40 Datasheet HTML 2Page - International Rectifier 10RIA40 Datasheet HTML 3Page - International Rectifier 10RIA40 Datasheet HTML 4Page - International Rectifier 10RIA40 Datasheet HTML 5Page - International Rectifier 10RIA40 Datasheet HTML 6Page - International Rectifier 10RIA40 Datasheet HTML 7Page - International Rectifier 10RIA40 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
10RIA Series
Bulletin I2405 rev. A 07/00
2
www.irf.com
I
T(AV)
Max. average on-state current
10
A
180° conduction, half sine wave
@ Case temperature
85
°C
I
T(RMS) Max. RMS on-state current
25
A
I
TSM
Max. peak, one-cycle
225
t = 10ms
No voltage
non-repetitive surge current
240
t = 8.3ms
reapplied
190
t = 10ms
100% V
RRM
200
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
255
t = 10ms
No voltage
Initial T
J = TJ max.
233
t = 8.3ms
reapplied
180
t = 10ms
100% V
RRM
165
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
2550
A2
√s
t = 0.1 to 10ms, no voltage reapplied
V
T(TO)1 Low level value of threshold
1.10
(16.7% x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ max.
voltage
V
T(TO)
2 High level value of threshold
1.39
(I >
π x I
T(AV)), TJ = TJ max.
voltage
r
t1
Low level value of on-state
24.3
(16.7% x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ max.
slope resistance
r
t2
High level value of on-state
16.7
(I >
π x I
T(AV)), TJ = TJ max.
slope resistance
V
TM
Max. on-state voltage
1.75
V
I
pk= 32A, TJ = 25°C tp = 10ms sine pulse
I
H
Maximum holding current
130
I
L
Typical latching current
200
Parameter
10RIA
Units
Conditions
On-state Conduction
A2s
m
V
A
mA
T
J = 25°C, anode supply 12V resistive load
Voltage
V
DRM/VRRM, max. repetitive
V
RSM , maximum non-
I
DRM/IRRM max.
Type number
Code
peak and off-state voltage (1)
repetitive peak voltage (2)
@ T
J = TJ max.
VV
mA
10
100
150
20
20
200
300
40
400
500
60
600
700
10RIA
80
800
900
10
100
1000
1100
120
1200
1300
ELECTRICAL SPECIFICATIONS
Voltage Ratings
(1) Units may be broken over non-repetitively in the off-state direction without damage, if dI/dt does not exceed 20A/µs
(2) For voltage pulses with t
p ≤ 5ms


Similar Part No. - 10RIA40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10RIA40 VISHAY-10RIA40 Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 10 A
Revision: 06-Jun-08
10RIA40M VISHAY-10RIA40M Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 10 A
Revision: 06-Jun-08
10RIA40MS90 VISHAY-10RIA40MS90 Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 10 A
Revision: 06-Jun-08
10RIA40S90 VISHAY-10RIA40S90 Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 10 A
Revision: 06-Jun-08
More results

Similar Description - 10RIA40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25RIA IRF-25RIA Datasheet
234Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PTS NELLSEMI-50PTS_17 Datasheet
714Kb / 7P
   Medium Power Thyristors
logo
International Rectifier
50RIA160S90M IRF-50RIA160S90M Datasheet
231Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PT NELLSEMI-50PT_14 Datasheet
1Mb / 7P
   Medium Power Thyristors
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA_13 Datasheet
134Kb / 4P
   MEDIUM POWER THYRISTORS
logo
International Rectifier
VS-22RIA120 IRF-VS-22RIA120 Datasheet
229Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Inchange Semiconductor ...
MCR231A ISC-MCR231A Datasheet
226Kb / 2P
   Medium Power Thyristors
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA Datasheet
326Kb / 4P
   MEDIUM POWER THYRISTORS
logo
International Rectifier
22RIA IRF-22RIA Datasheet
225Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
25PTS NELLSEMI-25PTS_17 Datasheet
277Kb / 6P
   Medium Power Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com