Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54SW-AU_R1_000A1 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BAT54SW-AU_R1_000A1
Description  SURFACE MOUNT SCHOTTKY BARRIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAT54SW-AU_R1_000A1 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BAT54SW-AU_R1_000A1 Datasheet HTML 1Page - Pan Jit International Inc. BAT54SW-AU_R1_000A1 Datasheet HTML 2Page - Pan Jit International Inc. BAT54SW-AU_R1_000A1 Datasheet HTML 3Page - Pan Jit International Inc. BAT54SW-AU_R1_000A1 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
BAT54W-AU SERIES
PART NO PACKING CODE VERSION
Part No Packing Code
Package Type
Packing Type
Marking
Version
BAT54W-AU_R1_000A1
SOT-323
3K pcs / 7" reel
L4
Halogen free
BAT54W-AU_R2_000A1
SOT-323
12K pcs / 13" reel
L4
Halogen free
BAT54AW-AU_R1_000A1
SOT-323
3K pcs / 7" reel
L42
Halogen free
BAT54AW-AU_R2_000A1
SOT-323
12K pcs / 13" reel
L42
Halogen free
BAT54CW-AU_R1_000A1
SOT-323
3K pcs / 7" reel
L43
Halogen free
BAT54CW-AU_R2_000A1
SOT-323
12K pcs / 13" reel
L43
Halogen free
BAT54SW-AU_R1_000A1
SOT-323
3K pcs / 7" reel
L44
Halogen free
BAT54SW-AU_R2_000A1
SOT-323
12K pcs / 13" reel
L44
Halogen free
MOUNTING PAD LAYOUT


Similar Part No. - BAT54SW-AU_R1_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54SW-AU_R1_000A1 PANJIT-BAT54SW-AU_R1_000A1 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results

Similar Description - BAT54SW-AU_R1_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com