Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ4L40W6_R1_00001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJ4L40W6_R1_00001
Description  QUAD SCHOTTKY DATA LINE BUS TERMINATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJ4L40W6_R1_00001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJ4L40W6_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. PJ4L40W6_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. PJ4L40W6_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. PJ4L40W6_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. PJ4L40W6_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
February 24,2015-REV.01
PJ4L40W6
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 10K per 13" plastic Reel
T/R - 3K per 7" plastic Reel
0.024
(0.60)
0.037
(0.95)
0.037
(0.95)


Similar Part No. - PJ4L40W6_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJ4L40W6 PANJIT-PJ4L40W6 Datasheet
132Kb / 5P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
More results

Similar Description - PJ4L40W6_R1_00001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40 Datasheet
51Kb / 2P
   QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 7 - 2
QSBT40 DIODES-QSBT40_1 Datasheet
72Kb / 3P
   QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 12 - 2
logo
Pan Jit International I...
PJ4L40 PANJIT-PJ4L40 Datasheet
132Kb / 3P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40_08 Datasheet
106Kb / 3P
   QUAD DATA LINE SCHOTTKY BUS TERMINATOR
Rev. 15 - 2 May 2008
logo
Pan Jit International I...
PJ4L40 PANJIT-PJ4L40_08 Datasheet
150Kb / 3P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40_15 Datasheet
85Kb / 4P
   QUAD DATA LINE SCHOTTKY BUS TERMINATOR
logo
Pan Jit International I...
PJ4L40 PANJIT-PJ4L40_16 Datasheet
588Kb / 6P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
PJ4L40W6 PANJIT-PJ4L40W6 Datasheet
132Kb / 5P
   QUAD SCHOTTKY DATA LINE BUS TERMINATOR
logo
Schneider Electric
TM7ACTLA SCHNEIDER-TM7ACTLA Datasheet
71Kb / 1P
   line terminator TM7 - M12 - bus CANopen
logo
Murata Power Solutions ...
1600 MURATA-PS-1600 Datasheet
95Kb / 2P
   Quad Data-bus Isolators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com