Electronic Components Datasheet Search |
|
RB520S40_R1_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc. |
|
RB520S40_R1_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc. |
1 / 6 page PAGE . 1 May 17,2016-REV.02 RB520S40 SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE FEATURES • Low Forward Voltage Drop • Guard Ring Construction for Transient Protection • Negligible Reverse Recovery Time • Low Reverse Capacitance • Ultra-Small Mount Package • Lead free in compliance with EU RoHS 2011/65/EU directive • Green molding compound as per IEC61249 Std. . (Halogen Free) MECHANICAL DATA • Case: SOD-523, Plastic • Terminals: Solderable per MIL-STD-750, Method 2026 • Appox Weight : 0.00005 ounce s, 0.0014 grams MAXIMUM RATINGS@TA=25oC unless otherwise specified THERMAL CHARACTERISTICS@TA=25oC unless otherwise specified Characteristic Symbol Value Unit Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 40 V RMS Reverse Voltage VR(RMS)28 V Forward Continuous Current (Note 1) I FM 250 mA Non-Repetitive Peak Forward Surge Current@t<1s I FSM 1A c it s ir e t c a r a h Cl o b m y Se u l a Vti n U ) 1 e t o N ( n o it a p i s s i D r e w o P PD 0 5 1W m ) 1 e t o N ( r i A t n e i b m A o t n o it c n u J , e c n a t s i s e R l a m r e h T RΘJA 7 6 6 o W / C e g n a R e r u t a r e p m e T e g a r o t S d n a g n it a r e p O TJ T , STG 5 2 1 + o t 5 5 - o C Notes : 1.Part mounted on FR-4 board with recommended pad layout 2.Short duration pulse test used so as to minimize self-heating effect 0.20 MIN. 0.034(0.85) 0.029(0.75) 0.014(0.35) 0.009(0.25) 0.006(0.15) 0.002(0.05) 0.026(0.65) 0.021(0.55) 0.067(1.70) 0.059(1.50) 0.050(1.25) 0.045(1.15) 1 2 Cathode Anode |
Similar Part No. - RB520S40_R1_00001 |
|
Similar Description - RB520S40_R1_00001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |