Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB521S30-AU_R2_000A1 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # RB521S30-AU_R2_000A1
Description  SURFACE MOUNT SCHOTTKY DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

RB521S30-AU_R2_000A1 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  RB521S30-AU_R2_000A1 Datasheet HTML 1Page - Pan Jit International Inc. RB521S30-AU_R2_000A1 Datasheet HTML 2Page - Pan Jit International Inc. RB521S30-AU_R2_000A1 Datasheet HTML 3Page - Pan Jit International Inc. RB521S30-AU_R2_000A1 Datasheet HTML 4Page - Pan Jit International Inc. RB521S30-AU_R2_000A1 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
May 17,2016-REV.07
RB521S30-AU
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T
J = 25°C
T
J = 75°C
T
J = 125°C
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
V
F, FORWARD VOLTAGE (V)
T
J = 125°C
T
J = 75°C
T
J = 25°C
0
10
20
30
40
0
25
50
75
100
125
TJ, Junction Temperature (°C)
Fig. Operating Temperature Derating Curve


Similar Part No. - RB521S30-AU_R2_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RB521S30-AU_R2_000A1 PANJIT-RB521S30-AU_R2_000A1 Datasheet
247Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results

Similar Description - RB521S30-AU_R2_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
MM18L WEITRON-MM18L Datasheet
210Kb / 3P
   Surface Mount Schottky Diodes
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com