Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7506A Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW7506A
Description  1.5MHz, 1A Synchronous Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7506A Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW7506A Datasheet HTML 4Page - Anpec Electronics Coropration APW7506A Datasheet HTML 5Page - Anpec Electronics Coropration APW7506A Datasheet HTML 6Page - Anpec Electronics Coropration APW7506A Datasheet HTML 7Page - Anpec Electronics Coropration APW7506A Datasheet HTML 8Page - Anpec Electronics Coropration APW7506A Datasheet HTML 9Page - Anpec Electronics Coropration APW7506A Datasheet HTML 10Page - Anpec Electronics Coropration APW7506A Datasheet HTML 11Page - Anpec Electronics Coropration APW7506A Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Nov., 2016
APW7506A
www.anpec.com.tw
8
Typical Application Circuit
VIN
GND
2
RUN
1
FB
5
APW7506A
SW
3
VIN
3 ~ 5.5V
VOUT
0.6V~VIN
0~1A
L1
2.2
µH
R2
4
R1
C1
4.7
µF
(MLCC)
C2
10
µF
(MLCC)
IIN
R1
≤ 1MΩ is recommended
R2
≤ 200kΩ is recommended
C1 closed to IC. Less than 2mm is recommended.
C3
≤ 47pF is recommended(Option)
C3


Similar Part No. - APW7506A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7506 ANPEC-APW7506 Datasheet
210Kb / 20P
   1.5MHz, 1.5A(peak) Synchronous Buck Regulator
Rev. A.2 - Jul., 2015
APW7506BI-TRG ANPEC-APW7506BI-TRG Datasheet
210Kb / 20P
   1.5MHz, 1.5A(peak) Synchronous Buck Regulator
Rev. A.2 - Jul., 2015
APW7506BTI-TRG ANPEC-APW7506BTI-TRG Datasheet
210Kb / 20P
   1.5MHz, 1.5A(peak) Synchronous Buck Regulator
Rev. A.2 - Jul., 2015
APW7506C ANPEC-APW7506C Datasheet
309Kb / 20P
   1.5MHz, 1A Synchronous Buck Regulator
More results

Similar Description - APW7506A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7178 ANPEC-APW7178 Datasheet
274Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7505 ANPEC-APW7505 Datasheet
286Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7506C ANPEC-APW7506C Datasheet
309Kb / 20P
   1.5MHz, 1A Synchronous Buck Regulator
APW7178A ANPEC-APW7178A Datasheet
266Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104 ANPEC-APW7104 Datasheet
288Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
APW8824 ANPEC-APW8824 Datasheet
518Kb / 19P
   1.5MHz, 1A Synchronous Buck Regulator
APW7507C ANPEC-APW7507C Datasheet
308Kb / 20P
   1.5MHz, 1A Synchronous Buck Regulator
APW7290 ANPEC-APW7290 Datasheet
316Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410 Datasheet
322Kb / 7P
   1A / 1.5MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com