Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7506C Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7506C
Description  1.5MHz, 1A Synchronous Buck Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7506C Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7506C Datasheet HTML 7Page - Anpec Electronics Coropration APW7506C Datasheet HTML 8Page - Anpec Electronics Coropration APW7506C Datasheet HTML 9Page - Anpec Electronics Coropration APW7506C Datasheet HTML 10Page - Anpec Electronics Coropration APW7506C Datasheet HTML 11Page - Anpec Electronics Coropration APW7506C Datasheet HTML 12Page - Anpec Electronics Coropration APW7506C Datasheet HTML 13Page - Anpec Electronics Coropration APW7506C Datasheet HTML 14Page - Anpec Electronics Coropration APW7506C Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Sep., 2016
APW7506C
www.anpec.com.tw
11
Function Description (Cont.)
Over-Temperature Protection (OTP)
The over-temperature circuit limits the junction tempera-
ture of the APW7506C. When the junction temperature
exceeds 150oC, a thermal sensor turns off the both power
MOSFETs, allowing the devices to cool. The thermal sen-
sor allows the converters to start a soft-start process and
regulate the output voltage again after the junction tem-
perature cools by 30oC. The OTP is designed with a 30oC
hysteresis to lower the average Junction Temperature
(T
J) during continuous thermal overload conditions, in-
creasing the lifetime of the device.
Short-Circuit Protection
When the output is shortened to the ground, the frequency
of the oscillator is reduced to about 210kHz, 1/7 of the
nominal frequency. This frequency foldback ensures that
the inductor current has more time to decay, thereby pre-
venting runaway. The oscillator
’s frequency will progres-
sively increase to 1.5MHz when V
FB or VOUT rises above
0V.


Similar Part No. - APW7506C

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7506 ANPEC-APW7506 Datasheet
210Kb / 20P
   1.5MHz, 1.5A(peak) Synchronous Buck Regulator
Rev. A.2 - Jul., 2015
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
   1.5MHz, 1A Synchronous Buck Regulator
APW7506BI-TRG ANPEC-APW7506BI-TRG Datasheet
210Kb / 20P
   1.5MHz, 1.5A(peak) Synchronous Buck Regulator
Rev. A.2 - Jul., 2015
APW7506BTI-TRG ANPEC-APW7506BTI-TRG Datasheet
210Kb / 20P
   1.5MHz, 1.5A(peak) Synchronous Buck Regulator
Rev. A.2 - Jul., 2015
More results

Similar Description - APW7506C

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7178 ANPEC-APW7178 Datasheet
274Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7505 ANPEC-APW7505 Datasheet
286Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7178A ANPEC-APW7178A Datasheet
266Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104 ANPEC-APW7104 Datasheet
288Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
APW8824 ANPEC-APW8824 Datasheet
518Kb / 19P
   1.5MHz, 1A Synchronous Buck Regulator
APW7507C ANPEC-APW7507C Datasheet
308Kb / 20P
   1.5MHz, 1A Synchronous Buck Regulator
APW7290 ANPEC-APW7290 Datasheet
316Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410 Datasheet
322Kb / 7P
   1A / 1.5MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com