Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-636P8 Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # MGA-636P8
Description  High Linearity Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

MGA-636P8 Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button MGA-636P8 Datasheet HTML 3Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 4Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 5Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 6Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 7Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 8Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 9Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 10Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Figure 16. RFinput and RFoutput Reference Plane
Below is the table showing the MGA-636P8 Reflection Coefficient Parameters
tuned for Maximum IIP3, Vdd = 4.8 V, Idd = 100 mA.
Frequency
(GHz)
Gamma Load position
IIP3
(dBm)
Magnitude
Angle
0.50
0.36
-57.7
22.6
0.70
0.36
-57.6
28.4
0.80
0.36
-43.2
28.2
0.90
0.27
-39.9
28.9
1.70
0.27
-27.9
34.9
1.90
0.27
0.3
35.7
Notes:
1. The Maximum IIP3 values are calculated based on Load pull measurements
on approximately 100 different impedances using Focus Load pull test
system.
2. Measurements are conducted on 0.010 inch thick ROGER 4350. The input
reference plane is at the end of the RFin pin and the output reference
plane is at the end of the RFout pin as shown in Figure 16.
RFinput
Reference Plane
RFoutput
Reference Plane
[2]
[RFinput]
[1]
[NU]
[3]
[Vbias2]
[4]
[NU]
[7]
[RFoutput]
[8]
[NU]
[6]
[PwrDwn]
[5]
[Vbias1]
Bias


Similar Part No. - MGA-636P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-636P8 AVAGO-MGA-636P8 Datasheet
543Kb / 14P
   High Linearity Low Noise Amplifier
MGA-636P8-BLKG AVAGO-MGA-636P8-BLKG Datasheet
543Kb / 14P
   High Linearity Low Noise Amplifier
MGA-636P8-TR1G AVAGO-MGA-636P8-TR1G Datasheet
543Kb / 14P
   High Linearity Low Noise Amplifier
MGA-636P8 AVAGO-MGA-636P8_15 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
More results

Similar Description - MGA-636P8

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8051 NXP-BGU8051 Datasheet
222Kb / 16P
   Low noise high linearity amplifier
Rev. 7-8 June 2017
logo
RF Micro Devices
RF2442 RFMD-RF2442_1 Datasheet
311Kb / 12P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442_15 Datasheet
912Kb / 11P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8062 NXP-BGU8062 Datasheet
270Kb / 18P
   low-noise high-linearity amplifier
Rev. 2-24 January 2017
logo
RF Micro Devices
RF2442 RFMD-RF2442_06 Datasheet
201Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
RFHIC
AE608 RFHIC-AE608_14 Datasheet
396Kb / 9P
   Low-Noise High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-636P8 AVAGO-MGA-636P8_15 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
logo
NXP Semiconductors
BGU8053 NXP-BGU8053 Datasheet
225Kb / 16P
   Low noise high linearity amplifier
Rev. 7-17 July 2017
BGU8061 NXP-BGU8061 Datasheet
491Kb / 17P
   low-noise high-linearity amplifier
Rev. 2-27 January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com