Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-636P8 Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # MGA-636P8
Description  High Linearity Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

MGA-636P8 Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button MGA-636P8 Datasheet HTML 4Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 5Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 6Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 7Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 8Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 9Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 10Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 11Page - Broadcom Corporation. MGA-636P8 Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Typical Performance
RF performance at TA = 25° C, Vdd = Vbias1 = 4.8 V, Idd = 108 mA, LNA mode, measured on demo board in Figure 5. Signal
= CW unless stated otherwise. Application Test Circuit is shown in Figure 6 and Table 1. IIP3 test condition: FRF1-FRF2 = 1
MHz with input power of -10 dBm per tone.
Figure 17. NF vs Frequency vs Temperature
Figure 18. Gain vs Frequency vs Temperature
Figure 19. IIP3 vs Frequency vs Temperature
Figure 20. OP1dB vs Frequency vs Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
2000
1800
1600
1400
1200
1000
800
600
400
200
Frequency (MHz)
85° C
25° C
-40° C
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
Frequency (MHz)
10
12
14
16
18
20
22
24
26
28
30
32
34
36
Frequency (MHz)
18
19
20
21
22
23
24
25
26
27
28
Frequency (MHz)
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
400
2000
1800
1600
1400
1200
1000
800
600
400
2000
1800
1600
1400
1200
1000
800
600
400
2000
1800
1600
1400
1200
1000
800
600


Similar Part No. - MGA-636P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-636P8 AVAGO-MGA-636P8 Datasheet
543Kb / 14P
   High Linearity Low Noise Amplifier
MGA-636P8-BLKG AVAGO-MGA-636P8-BLKG Datasheet
543Kb / 14P
   High Linearity Low Noise Amplifier
MGA-636P8-TR1G AVAGO-MGA-636P8-TR1G Datasheet
543Kb / 14P
   High Linearity Low Noise Amplifier
MGA-636P8 AVAGO-MGA-636P8_15 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
More results

Similar Description - MGA-636P8

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8051 NXP-BGU8051 Datasheet
222Kb / 16P
   Low noise high linearity amplifier
Rev. 7-8 June 2017
logo
RF Micro Devices
RF2442 RFMD-RF2442_1 Datasheet
311Kb / 12P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442_15 Datasheet
912Kb / 11P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8062 NXP-BGU8062 Datasheet
270Kb / 18P
   low-noise high-linearity amplifier
Rev. 2-24 January 2017
logo
RF Micro Devices
RF2442 RFMD-RF2442_06 Datasheet
201Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
RFHIC
AE608 RFHIC-AE608_14 Datasheet
396Kb / 9P
   Low-Noise High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-636P8 AVAGO-MGA-636P8_15 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
logo
NXP Semiconductors
BGU8053 NXP-BGU8053 Datasheet
225Kb / 16P
   Low noise high linearity amplifier
Rev. 7-17 July 2017
BGU8061 NXP-BGU8061 Datasheet
491Kb / 17P
   low-noise high-linearity amplifier
Rev. 2-27 January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com